Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL0708 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HCPL0708
Description  High Speed CMOS Optocoupler
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL0708 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL0708 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL0708 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL0708 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL0708 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL0708 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL0708 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL0708 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL0708 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL0708 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Description
Available in SO-8 package, the
HCPL-0708 optocoupler utilizes the
latest CMOS IC technology to
achieve outstanding performance
with very low power consumption.
Basic building blocks of the HCPL-
Agilent HCPL-0708
High Speed
CMOS Optocoupler
Data Sheet
Features
• +5 V CMOS compatibility
• 15 ns typical pulse width distortion
• 30 ns max. pulse width distortion
• 40 ns max. propagation delay
skew
• High speed: 15 MBd
• 60 ns max. propagation delay
• 10 kV/
µs minimum common mode
rejection
• –40 to 100
°C temperature range
• Safety and regulatory approvals
pending
– UL recognized
2500 V rms for 1 min. per
UL 1577 for HCPL-0708
– CSA component acceptance
Notice #5
– VDE 0884 (TUV) approved for
HCPL-0708 Option 060
Applications
• Scan drive in PDP
• Digital field bus isolation:
DeviceNet, SDS, Profibus
• Multiplexed data transmission
• Computer peripheral interface
• Microprocessor system interface
• DC/DC converter
Functional Diagram
0708 are a high speed LED and a
CMOS detector IC. The detector
incorporates an integrated
photodiode, a high-speed trans-
impedance amplifier, and a voltage
comparator with an output driver.
*A 0.1
µF bypass capacitor
must be connected between
pins 5 and 8.
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this
component to prevent damage and/or degradation which may be induced by ESD.
8
7
6
1
3
5
2
4
NC
ANODE
CATHODE
NC
VDD
VO
GND
LED
OFF
ON
TRUTH TABLE
NC
VO, OUTPUT
H
L


Similar Part No. - HCPL0708

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
Low Input Current High Gain Split Darlington Optocouplers
logo
ON Semiconductor
HCPL0700 ONSEMI-HCPL0700 Datasheet
622Kb / 14P
Low Input Current High Gain Split Darlington Optocouplers
April 2009 Rev. 1.0.1
logo
Fairchild Semiconductor
HCPL0700R2 FAIRCHILD-HCPL0700R2 Datasheet
443Kb / 13P
Low Input Current High Gain Split Darlington Optocouplers
logo
ON Semiconductor
HCPL0700R2 ONSEMI-HCPL0700R2 Datasheet
622Kb / 14P
Low Input Current High Gain Split Darlington Optocouplers
April 2009 Rev. 1.0.1
logo
Fairchild Semiconductor
HCPL0700R2V FAIRCHILD-HCPL0700R2V Datasheet
443Kb / 13P
Low Input Current High Gain Split Darlington Optocouplers
More results

Similar Description - HCPL0708

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH6315 SIEMENS-SFH6315 Datasheet
69Kb / 4P
HIGH SPEED OPTOCOUPLER
SFH6315T SIEMENS-SFH6315T Datasheet
48Kb / 4P
HIGH SPEED OPTOCOUPLER
logo
Agilent(Hewlett-Packard...
HCPL0738 HP-HCPL0738 Datasheet
207Kb / 8P
High Speed CMOS Optocoupler
logo
Sensitron
SHD-4134-XXX SENSITRON-SHD-4134-XXX Datasheet
85Kb / 4P
High Speed CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0738 AVAGO-HCPL-0738 Datasheet
192Kb / 2P
High Speed CMOS Optocoupler
ACPL-072L-560E AVAGO-ACPL-072L-560E Datasheet
313Kb / 11P
3.3V/5V High Speed CMOS Optocoupler
HCPL-0708-560E AVAGO-HCPL-0708-560E Datasheet
179Kb / 12P
High Speed CMOS Optocoupler
HCPL-0738-500E AVAGO-HCPL-0738-500E Datasheet
217Kb / 8P
High Speed CMOS Optocoupler
HCPL-0738-000E AVAGO-HCPL-0738-000E Datasheet
167Kb / 8P
High Speed CMOS Optocoupler
ACPL-772L AVAGO-ACPL-772L Datasheet
313Kb / 11P
3.3V/5V High Speed CMOS Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com