Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL0708 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HCPL0708
Description  High Speed CMOS Optocoupler
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL0708 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HCPL0708 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL0708 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL0708 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL0708 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL0708 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL0708 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL0708 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL0708 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL0708 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Application Information
Bypassing and PC Board Layout
The HCPL-0708 optocoupler is
extremely easy to use. No
external interface circuitry is
required because the HCPL-0708
uses high-speed CMOS IC
technology allowing CMOS logic
to be connected directly to the
inputs and outputs.
As shown in Figure 6, the only
external component required for
proper operation is the bypass
capacitor. Capacitor values
should be between 0.01
µF and
0.1
µF. For each capacitor, the
total lead length between both
ends of the capacitor and the
power-supply pins should not
exceed 20 mm. Figure 7
illustrates the recommended
printed circuit board layout for
the HPCL-0708.
Figure 6. Recommended printed circuit board layout.
Figure 7. Recommended printed circuit board layout.
Propagation Delay, Pulse-Width
Distortion and Propagation Delay
Skew
Propagation Delay is a figure of
merit which describes how
quickly a logic signal propagates
through a system. The propaga-
tion delay from low to high (tPLH)
is the amount of time required for
an input signal to propagate to
the output, causing the output to
change from low to high.
Similarly, the propagation delay
from high to low (tPHL) is the
amount of time required for the
input signal to propagate to the
output, causing the output to
change from high to low. See
Figure 8.
Figure 8.
INPUT
tPLH
tPHL
OUTPUT
VI
VO
10%
90%
90%
10%
VOH
VOL
0 V
50%
5 V CMOS
2.5 V CMOS
7
5
6
8
2
3
4
1
GND
C
NC
VDD
VO
VI
C1, C2 = 0.01 µF TO 0.1 µF
VDD
C2
VO
GND
VI
C1, C2 = 0.01 µF TO 0.1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com