Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82801AB Datasheet(PDF) 78 Page - Intel Corporation

Part # 82801AB
Description  82801AB (ICH0) I/O Controller Hub
PDF  414 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801AB Datasheet(HTML) 78 Page - Intel Corporation

Back Button 82801AB Datasheet HTML 74Page - Intel Corporation 82801AB Datasheet HTML 75Page - Intel Corporation 82801AB Datasheet HTML 76Page - Intel Corporation 82801AB Datasheet HTML 77Page - Intel Corporation 82801AB Datasheet HTML 78Page - Intel Corporation 82801AB Datasheet HTML 79Page - Intel Corporation 82801AB Datasheet HTML 80Page - Intel Corporation 82801AB Datasheet HTML 81Page - Intel Corporation 82801AB Datasheet HTML 82Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 414 page
background image
Functional Description
5-28
82801AA and 82801AB Datasheet
Cascade Mode
The PIC in the ICH has one master 8259 and one slave 8259 cascaded onto the master through
IRQ2. This configuration can handle up to 15 separate priority levels. The master controls the
slaves through a three bit internal bus. In the ICH, when the master drives 010b on this bus, the
slave controller takes responsibility for returning the interrupt vector. An EOI Command must be
issued twice: once for the master and once for the slave.
Edge and Level Triggered Mode
In ISA systems this mode is programmed using bit 3 in ICW1, which sets level or edge for the
entire controller. In the ICH, this bit is disabled and a new register for edge and level triggered
mode selection, per interrupt input, is included. This is the Edge/Level control Registers ELCR1
and ELCR2.
If an ELCR bit is ‘0’, an interrupt request is recognized by a low to high transition on the
corresponding IRQ input. The IRQ input can remain high without generating another interrupt. If
an ELCR bit is ‘1’, an interrupt request is recognized by a high level on the corresponding IRQ
input and there is no need for an edge detection. The interrupt request must be removed before the
EOI command is issued to prevent a second interrupt from occurring.
In both the edge and level triggered modes, the IRQ inputs must remain active until after the falling
edge of the first internal INTA#. If the IRQ input goes inactive before this time, a default IRQ7
vector is returned.
End of Interrupt Operations
An EOI can occur in one of two fashions: by a command word write issued to the PIC before
returning from a service routine, the EOI command; or automatically when AEOI bit in ICW1 is
set to 1.
Normal End of Interrupt
In Normal EOI, software writes an EOI command before leaving the interrupt service routine to
mark the interrupt as completed. There are two forms of EOI commands: Specific and Non-
Specific. When a Non-Specific EOI command is issued, the PIC clears the highest ISR bit of those
that are set to 1. Non-Specific EOI is the normal mode of operation of the PIC within the ICH, as
the interrupt being serviced currently is the interrupt entered with the interrupt acknowledge. When
the PIC is operated in modes which preserve the fully nested structure, software can determine
which ISR bit to clear by issuing a Specific EOI. An ISR bit that is masked is not be cleared by a
Non-Specific EOI if the PIC is in the Special Mask Mode. An EOI command must be issued for
both the master and slave controller.
Automatic End of Interrupt Mode
In this mode, the PIC automatically performs a Non-Specific EOI operation at the trailing edge of
the last interrupt acknowledge pulse. From a system standpoint, this mode should be used only
when a nested multi-level interrupt structure is not required within a single PIC. The AEOI mode
can only be used in the master controller and not the slave controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com