Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82801AB Datasheet(PDF) 49 Page - Intel Corporation

Part # 82801AB
Description  82801AB (ICH0) I/O Controller Hub
PDF  414 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801AB Datasheet(HTML) 49 Page - Intel Corporation

Back Button 82801AB Datasheet HTML 45Page - Intel Corporation 82801AB Datasheet HTML 46Page - Intel Corporation 82801AB Datasheet HTML 47Page - Intel Corporation 82801AB Datasheet HTML 48Page - Intel Corporation 82801AB Datasheet HTML 49Page - Intel Corporation 82801AB Datasheet HTML 50Page - Intel Corporation 82801AB Datasheet HTML 51Page - Intel Corporation 82801AB Datasheet HTML 52Page - Intel Corporation 82801AB Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 414 page
background image
82801AA and 82801AB Datasheet
4-1
Clock Domains
Clock Domains
4
Table 4-1 shows the system clock domains. Figure 4-1 shows the assumed connection of the
various system components, including the clock generator. For complete details of the system
clocking solution, refer to the system’s clock generator component specification.
Table 4-1. ICH and System Clock Domains
Clock Domain
Frequency
Source
Usage
ICH CLK66
66 MHz
Main Clock
Generator
Hub Interface. Shut off during S3 or below.
ICH PCICLK
33 MHz
Main Clock
Generator
PCI Clock. This clock remains on during S0 state, but can
be shut off during S3 or below.
System PCI
33 MHz
Main Clock
Generator
PCI Bus, LPC interface. These only go to external PCI and
LPC devices.
ICH USB
48 MHz
Main Clock
Generator
USB Controller.
ICH CLK14
14.31818 MHz
Main Clock
Generator
Used for ACPI timer
ICH AC’97
12.288 MHz
AC’97 Codec
AC’97 Link. Generated by AC’97 CODEC
RTC
32.768 kHz
ICH
RTC, Power Management. ICH has its own oscillator.
ICH APIC
16.667 MHz
Main Clock
Generator
Used for ICH-CPU interrupt messages.
Figure 4-1. Conceptual System Clock Diagram
I/O Controller
Hub
Clock
Generator
Hub Interface (66 MHz)
PCI (33 MHz)
APIC CLK
14.31818 MHz
48 MHz
32 kHz
XTAL
SUSCLK (32 kHz)
(ICH: 82801AA only)
Clock
Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com