Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82801AB Datasheet(PDF) 56 Page - Intel Corporation

Part # 82801AB
Description  82801AB (ICH0) I/O Controller Hub
PDF  414 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801AB Datasheet(HTML) 56 Page - Intel Corporation

Back Button 82801AB Datasheet HTML 52Page - Intel Corporation 82801AB Datasheet HTML 53Page - Intel Corporation 82801AB Datasheet HTML 54Page - Intel Corporation 82801AB Datasheet HTML 55Page - Intel Corporation 82801AB Datasheet HTML 56Page - Intel Corporation 82801AB Datasheet HTML 57Page - Intel Corporation 82801AB Datasheet HTML 58Page - Intel Corporation 82801AB Datasheet HTML 59Page - Intel Corporation 82801AB Datasheet HTML 60Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 414 page
background image
Functional Description
5-6
82801AA and 82801AB Datasheet
5.2.1.3
Cycle Type / Direction (CYCTYPE + DIR)
The ICH always drives bit 0 of this field to 0. Peripherals running bus master cycles must also drive
bit 0 to 0. Table 5-3 shows the valid bit encodings:
5.2.1.4
SIZE
Bits[3:2] are reserved. The ICH always drives them to 00. Peripherals running bus master cycles
are also supposed to drive 00 for bits 3:2; however, the ICH ignores those bits. Bits[1:0] are
encoded as shown in Table 5-4.
5.2.1.5
SYNC
Valid values for the SYNC field are shown in Table 5-5.
NOTE: All other combinations are RESERVED.
Table 5-3. Cycle Type Bit Definitions
Bits[3:2]
Bit[1]
Definition
00
0
I/O Read
00
1
I/O Write
01
0
Memory Read
01
1
Memory Write
10
0
DMA Read
10
1
DMA Write
11
x
Reserved. If a peripheral performing a bus master cycle generates this value, the
ICH aborts the cycle.
Table 5-4. Transfer Size Bit Definition
Bits[1:0]
Size
00
8 bit transfer (1 byte)
01
16-bit transfer (2 bytes)
10
Reserved. The ICH never drives this combination. If a peripheral running a bus master cycle
drives this combination, the ICH may abort the transfer.
11
32 bit transfer (4 bytes)
Table 5-5. SYNC Bit Definition
Bits[3:0]
Indication
0000
Ready: SYNC achieved with no error. For DMA transfers, this also indicates DMA request
deassertion and no more transfers desired for that channel.
0101
Short Wait: Part indicating wait states. For bus master cycles, the ICH does not use this
encoding. It, instead, uses the Long Wait encoding (see next encoding below).
0110
Long Wait: Part indicating wait states, and many wait states will be added. This encoding
driven by the ICH for bus master cycles, rather than the Short Wait (0101).
1001
Ready More (Used only by peripheral for DMA cycle): SYNC achieved with no error and
more DMA transfers desired to continue after this transfer. This value is valid only on DMA
transfers and is not allowed for any other type of cycle.
1010
Error: Sync achieved with error. This is generally used to replace the SERR# or IOCHK#
signal on the PCI/ISA bus. It indicates that the data is to be transferred, but there is a serious
error in this transfer. For DMA transfers, this not only indicates an error, but also indicates
DMA request deassertion and no more transfers desired for that channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com