Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82801AB Datasheet(PDF) 41 Page - Intel Corporation

Part # 82801AB
Description  82801AB (ICH0) I/O Controller Hub
PDF  414 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801AB Datasheet(HTML) 41 Page - Intel Corporation

Back Button 82801AB Datasheet HTML 37Page - Intel Corporation 82801AB Datasheet HTML 38Page - Intel Corporation 82801AB Datasheet HTML 39Page - Intel Corporation 82801AB Datasheet HTML 40Page - Intel Corporation 82801AB Datasheet HTML 41Page - Intel Corporation 82801AB Datasheet HTML 42Page - Intel Corporation 82801AB Datasheet HTML 43Page - Intel Corporation 82801AB Datasheet HTML 44Page - Intel Corporation 82801AB Datasheet HTML 45Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 414 page
background image
82801AA and 82801AB Datasheet
2-13
Signal Description
2.18.2
Test Straps
When PWROK is active (high), driving RTCRST# low for a number of PCI clocks (33 MHz) will
activate a particular test mode as specified in Table 2-19.
Note:
RTCRST# can be driven anytime after PCIRST# is inactive but it is better to drive it as soon as
PWROK goes high to enter a test mode.
Refer to Chapter 16 for a description of each test mode.
2.18.3
External RTC Circuitry
To reduce RTC well power consumption, the ICH implements a new internal oscillator circuit that
is sensitive to step voltage changes in VccRTC and VBIAS. Figure 2-1 shows a schematic diagram
of the circuitry required to condition these voltages to ensure correct operation of the ICH RTC
.
Table 2-19. Test Strap Definition
Number of PCI Clocks RTCRST# Driven Low
After PWROK Active
Test Mode
<4
No Test Mode Invoked
4
NAND Chain 1
5
NAND Chain 2
6
NAND Chain 3
7
NAND Chain 4
8
All “Z”
9
No Test Mode Invoked
10-24
RESERVED - DO NOT ATTEMPT
>24
No Test Mode Invoked
Figure 2-1. Required External RTC Circuit
C3
12.5 pF
3.3V
VCCSUS
1 k
Ω
Vbatt
1 k
Ω
C1
2200 pF
32768 Hz
Xtal
R1
10 M
Ω
R2
10 M
Ω
C2
12.5 pF
1
µF
VCCRTC
RTCX2
RTCX1
VBIAS
VSSRTC
Note: Capacitor C2 and C3 values are crystal-dependent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com