Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3943 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3943
Description  RGB/White/Blue 16-LED Fun Light Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3943 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LP3943 Datasheet HTML 1Page - National Semiconductor (TI) LP3943 Datasheet HTML 2Page - National Semiconductor (TI) LP3943 Datasheet HTML 3Page - National Semiconductor (TI) LP3943 Datasheet HTML 4Page - National Semiconductor (TI) LP3943 Datasheet HTML 5Page - National Semiconductor (TI) LP3943 Datasheet HTML 6Page - National Semiconductor (TI) LP3943 Datasheet HTML 7Page - National Semiconductor (TI) LP3943 Datasheet HTML 8Page - National Semiconductor (TI) LP3943 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Electrical Characteristics (Continued)
Unless otherwise noted, V
DD = 5.5V. Typical values and limits appearing in normal type apply for TJ = 25˚C. Limits appearing
in boldface type apply over the entire junction temperature range for operation, T
J = −40˚C to +125˚C. (Note 5)
Symbol
Parameter
Conditions
Typical
Limit
Units
Min
Max
I
2C INTERFACE (SCL AND SDA PINS)
t
CLK-HP
CLK High Period
(Note 7)
0.6
µs
t
SU
Set-Up Time Repeated
START Condition
(Note 7)
0.6
µs
t
DATA-HOLD
Data Hold Time
(Note 7)
300
ns
t
DATA-SU
Data Set-Up Time
(Note 7)
100
ns
t
SU
Set-Up Time for STOP
Condition
(Note 7)
0.6
µs
t
TRANS
Maximum Pulse Width of
Spikes that Must Be
Suppressed by the Input
Filter of Both DATA & CLK
Signals
(Note 7)
50
ns
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the device
is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the Electrical
Characteristics tables.
Note 2: All voltages are with respect to the potential at the GND pin.
Note 3: The part cannot dissipate more than 400mW.
Note 4: The human-body model is 100 pF discharged through 1.5 k
Ω. The machine model is 0Ω in series with 100 pF.
Note 5: Limits are guaranteed. All electrical characteristics having room-temperature limits are tested during production with TJ = 25˚C. All hot and cold limits are
guaranteed by correlating the electrical characteristics to process and temperature variations and applying statistical process control.
Note 6: Each LED pin should not exceed 25 mA and each octal (LED0–LED7; LED8–LED15) should not exceed 100 mA. The package should not exceed a total
of 200 mA.
Note 7: Guaranteed by design.
Typical Performance Characteristics
Frequency vs. Temp
(T
A = −40˚C to +85˚C),
V
DD = 2.3V to 3.0V
20079617
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com