Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3943 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3943
Description  RGB/White/Blue 16-LED Fun Light Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3943 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LP3943 Datasheet HTML 5Page - National Semiconductor (TI) LP3943 Datasheet HTML 6Page - National Semiconductor (TI) LP3943 Datasheet HTML 7Page - National Semiconductor (TI) LP3943 Datasheet HTML 8Page - National Semiconductor (TI) LP3943 Datasheet HTML 9Page - National Semiconductor (TI) LP3943 Datasheet HTML 10Page - National Semiconductor (TI) LP3943 Datasheet HTML 11Page - National Semiconductor (TI) LP3943 Datasheet HTML 12Page - National Semiconductor (TI) LP3943 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Application Notes (Continued)
TABLE 1. LP3943 REGISTER TABLE
Address (Hex)
Register Name
Read/Write
Register Function
0x00
Input 1
Read Only
LED0–7 Input Register
0x01
Input 2
Read Only
LED8–15 Input Register
0x02
PSC0
R/W
Frequency Prescaler 0
0x03
PWM0
R/W
PWM Register 0
0x04
PSC1
R/W
Frequency Prescaler 1
0x05
PWM1
R/W
PWM Register 1
0x06
LS0
R/W
LED0–3 Selector
0x07
LS1
R/W
LED4–7 Selector
0x08
LS2
R/W
LED8–11 Selector
0x09
LS3
R/W
LED12–15 Selector
BINARY FOMAT FOR INPUT REGISTERS (READ ONLY) — ADDRESS 0x00 and 0x01
Address 0x00
Bit #
76543210
Default value
XXXXXXXX
LED7
LED6
LED5
LED4
LED3
LED2
LED1
LED0
X = don’t care
Address 0x01
Bit #
7
6
5
4
3
2
1
0
Default value
X
X
X
X
X
X
X
X
LED15
LED14
LED13
LED12
LED11
LED10
LED9
LED8
X = don’t care
BINARY FORMAT FOR FREQUENCY PRESCALER AND PWM REGISTERS — ADDRESS 0x02 to 0x05
Address 0x02 (PSC0)
Bit #
76543210
Default value
00000000
PSC0 register is used to program the period of DIM0.
DIM0 = (PSC0+1)/160
The maximum period is 1.6s when PSC0 = 255.
Address 0x03 (PWM0)
Bit #
76543210
Default value
10000000
PWM0 register determines the duty cycle of DIM0. The LED outputs are LOW (LED on) when the count is less than the value in PWM0 and HIGH (LED off) when
it is greater. If PWM0 is programmed with 0x00, LED output is always HIGH (LED off).
The duty cycle of DIM0 is: PWM0/256
Default value is 50% duty cycle.
Address 0x04 (PSC1)
Bit #
76543210
Default value
00000000
PSC1 register is used to program the period of DIM1.
DIM1 = (PSC1 + 1)/160
The maximum period is 1.6s when PSC1 = 255.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com