Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3943 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3943
Description  RGB/White/Blue 16-LED Fun Light Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3943 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3943 Datasheet HTML 1Page - National Semiconductor (TI) LP3943 Datasheet HTML 2Page - National Semiconductor (TI) LP3943 Datasheet HTML 3Page - National Semiconductor (TI) LP3943 Datasheet HTML 4Page - National Semiconductor (TI) LP3943 Datasheet HTML 5Page - National Semiconductor (TI) LP3943 Datasheet HTML 6Page - National Semiconductor (TI) LP3943 Datasheet HTML 7Page - National Semiconductor (TI) LP3943 Datasheet HTML 8Page - National Semiconductor (TI) LP3943 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LP3943
RGB/White/Blue 16-LED Fun Light Driver
General Description
LP3943 is an integrated device capable of independently
driving 16 LEDs. This device also contains an internal pre-
cision oscillator that provides all the necessary timing re-
quired for driving each LED. Two prescaler registers along
with two PWM registers provide a versatile duty cycle con-
trol. The LP3943 contains the ability to dim LEDs in SMBUS/
I
2C applications where it is required to cut down on bus
traffic.
Traditionally, to dim LEDs using a serial shift register such as
74LS594/5 would require a large amount of traffic to be on
the serial bus. LP3943 instead requires only the setup of the
frequency and duty cycle for each output pin. From then on,
only a single command from the host is required to turn each
individual open drain output ON, OFF, or to cycle a pro-
grammed frequency and duty cycle. Maximum output sink
current is 25 mA per pin and 200 mA per package. Any ports
not used for controlling the LEDs can be used for general
purpose input/output expansion.
Features
n
Internal power-on reset
n
Active low reset
n
Internal precision oscillator
n
Variable dim rates (from 6.25 ms to 1.6s;
160 Hz–0.625 Hz)
Key Specifications
n
16 LED driver (multiple programmable states — on, off,
input, and dimming at a specified rate)
n
16 Open drain outputs capable of driving up to 25 mA
per LED
Applications
n
Customized flashing LED lights for cellular phones
n
Portable Applications
n
Digital Cameras
n
Indicator Lamps
n
General purpose I/O expander
n
Toys
Typical Application Circuit
20079601
November 2003
© 2003 National Semiconductor Corporation
DS200796
www.national.com


Similar Part No. - LP3943

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3943 TI1-LP3943 Datasheet
979Kb / 21P
RGB/White/Blue 16-LED Fun Light Driver
LP3943 TI2-LP3943 Datasheet
614Kb / 24P
LP3943 16-Channel RGB, White-LED Driver with Independent SMBUS/I2C String Control
REVISED OCTOBER 2024
LP3943ISQ TI1-LP3943ISQ Datasheet
983Kb / 25P
RGB, White, Blue 16-LED Fun Light Driver
LP3943ISQ TI2-LP3943ISQ Datasheet
614Kb / 24P
LP3943 16-Channel RGB, White-LED Driver with Independent SMBUS/I2C String Control
REVISED OCTOBER 2024
LP3943ISQ/NOPB TI1-LP3943ISQ/NOPB Datasheet
983Kb / 25P
RGB, White, Blue 16-LED Fun Light Driver
More results

Similar Description - LP3943

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3944 NSC-LP3944 Datasheet
249Kb / 12P
RGB/White/Blue 8-LED Fun Light Driver
logo
List of Unclassifed Man...
EC4006 ETC2-EC4006 Datasheet
211Kb / 8P
DC/DC WHITE LIGHT LED DRIVER
logo
LIGITEK electronics co....
LGXRGB-501H LIGITEK-LGXRGB-501H Datasheet
168Kb / 10P
RGB Power Light LED
logo
Integrated Silicon Solu...
IS31FL3193 ISSI-IS31FL3193 Datasheet
356Kb / 13P
3-CHANNEL FUN LED DRIVER
logo
Texas Instruments
LP3944 TI1-LP3944_14 Datasheet
931Kb / 17P
RGB/White/Blue 8-LED Fun Light Driver
LP3943 TI1-LP3943 Datasheet
979Kb / 21P
RGB/White/Blue 16-LED Fun Light Driver
LP3943 TI1-LP3943_15 Datasheet
983Kb / 25P
RGB, White, Blue 16-LED Fun Light Driver
logo
Integrated Silicon Solu...
IS31FL3191 ISSI-IS31FL3191 Datasheet
315Kb / 12P
1-CHANNEL FUN LED DRIVER
IS31FL3191-UTLS2-TR ISSI-IS31FL3191-UTLS2-TR Datasheet
319Kb / 15P
1-CHANNEL FUN LED DRIVER
IS31FL3193-DLS2-EB ISSI-IS31FL3193-DLS2-EB Datasheet
320Kb / 13P
3-CHANNEL FUN LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com