Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3943 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3943
Description  RGB/White/Blue 16-LED Fun Light Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3943 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LP3943 Datasheet HTML 2Page - National Semiconductor (TI) LP3943 Datasheet HTML 3Page - National Semiconductor (TI) LP3943 Datasheet HTML 4Page - National Semiconductor (TI) LP3943 Datasheet HTML 5Page - National Semiconductor (TI) LP3943 Datasheet HTML 6Page - National Semiconductor (TI) LP3943 Datasheet HTML 7Page - National Semiconductor (TI) LP3943 Datasheet HTML 8Page - National Semiconductor (TI) LP3943 Datasheet HTML 9Page - National Semiconductor (TI) LP3943 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Application Notes
THEORY OF OPERATION
The LP3943 takes incoming data from the baseband con-
troller and feeds them into several registers that control the
frequency and the duty cycle of the LEDs. Two prescaler
registers and two PWM registers provide two individual rates
to dim or blink the LEDs (for more information on these
registers, refer to Table 1. LP3943 REGISTER TABLE).
Each LED can be programmed in one of four states — on,
off, DIM0 rate or DIM1 rate. Two read-only registers provide
status on all 16 LEDs. The LP3943 can be used to drive
RGB LEDs and/or single-color LEDs to create a colorful,
entertaining, and informative setting. Alternatively, it can also
drive RGB LED as a flashlight. This is particularly suitable for
accessory functions in cellular phones and toys. Any LED
pins not used to drive LED can be used for General Purpose
Parallel Input/Output (GPIO) expansion.
The LP3943 is equipped with Power-On Reset that holds the
chip in a reset state until V
DD reaches VPOR during power up.
Once V
POR is achieved, the LP3943 comes out of reset and
initializes itself to the default state.
To bring the LP3943 into reset, hold the RST pin LOW for a
period of TW. This will put the chip into its default state. The
LP3943 can only be programmed after RST signal is HIGH
again.
I
2C DATA VALIDITY
The data on SDA line must be stable during the HIGH period
of the clock signal (SCL). In other words, state of the data
line can only be changed when CLK is LOW.
I
2C START AND STOP CONDITIONS
START and STOP bits classify the beginning and the end of
the I
2C session. START condition is defined as SDA signal
transitioning from HIGH to LOW while SCL line is HIGH.
STOP condition is defined as the SDA transitioning from
LOW to HIGH while SCL is HIGH. The I
2C master always
generates START and STOP bits. The I
2C bus is considered
to be busy after START condition and free after STOP con-
dition. During data transmission, I
2C master can generate
repeated START conditions. First START and repeated
START conditions are equivalent, function-wise.
TRANSFERRING DATA
Every byte put on the SDA line must be eight bits long with
the most significant bit (MSB) being transferred first. The
number of bytes that can be transmitted per transfer is
unrestricted. Each byte of data has to be followed by an
acknowledge bit. The acknowledge related clock pulse is
generated by the master. The transmitter releases the SDA
line (HIGH) during the acknowledge clock pulse. The re-
ceiver must pull down the SDA line during the 9th clock
pulse, signifying an acknowledge. A receiver which has been
addressed must generate an acknowledge after each byte
has been received.
After the START condition, a chip address is sent by the I
2C
master. This address is seven bits long followed by an eighth
bit which is a data direction bit (R/W). The LP3943 hardwires
bits 7 to 4 and leaves bits 3 to 1 selectable, as shown in
Figure 3. For the eighth bit, a “0” indicates a WRITE and a
“1” indicates a READ. The LP3943 supports only a WRITE
during chip addressing. The second byte selects the register
to which the data will be written. The third byte contains data
to write to the selected register.
20079606
FIGURE 1. I
2C Data Validity
20079607
FIGURE 2. I
2C START and STOP Conditions
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com