Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3943 Datasheet (PDF) - Texas Instruments

LP3943 Datasheet PDF - Texas Instruments
Part # LP3943
Download  LP3943 Download
File Size   614.92 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3943 16-Channel RGB, White-LED Driver with Independent SMBUS/I2C String Control

LP3943 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP3943 Datasheet PDF - Texas Instruments

Part # LP3943
Download  LP3943 Click to download

File Size   614.92 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3943 16-Channel RGB, White-LED Driver with Independent SMBUS/I2C String Control

LP3943 Datasheet (HTML) - Texas Instruments


LP3943 Product details

1 Features
• Internal power-on reset
• Active low reset
• Internal precision oscillator
• Variable dim rates
(from 6.25ms to 1.6s; 160Hz to 0.625Hz)
• 16 LED drivers (multiple programmable states:
ON, OFF, input, and dimming at a specified rate)
• 16 open-drain outputs capable of driving up to
25mA per LED

2 Applications
• Customized flashing LED lights for cellular phones
• Portable applications
• Digital cameras
• Indicator lamps
• General purpose I/O expander
• Toys

3 Description
The LP3943 is an integrated device capable of
independently driving 16 LEDs. This device also
contains an internal precision oscillator that provides
all the necessary timing required for driving each
LED. Two prescaler registers, along with two PWM
registers, provide a versatile duty-cycle control.
The LP3943 contains the ability to dim LEDs in
SMBUS/I2C applications where it is required, to cut
down on bus traffic.
Traditionally, dimming LEDs using a serial shift
register such as 74LS594/5 requires a large amount
of traffic on the serial bus. The LP3943 instead
requires only the setup of the frequency and duty
cycle for each output pin; from then on, only a
single command from the host is required to turn
each individual open drain output to an ON or OFF
state, or to cycle a programmed frequency and duty
cycle. Maximum output sink current is 25mA per pin
and 200mA per package. Any ports not used for
controlling the LEDs can be used for general purpose
input/output expansion.




Similar Part No. - LP3943

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3943 NSC-LP3943 Datasheet
264Kb / 13P
RGB/White/Blue 16-LED Fun Light Driver
logo
Texas Instruments
LP3943 TI1-LP3943 Datasheet
979Kb / 21P
RGB/White/Blue 16-LED Fun Light Driver
logo
National Semiconductor ...
LP3943ISQ NSC-LP3943ISQ Datasheet
264Kb / 13P
RGB/White/Blue 16-LED Fun Light Driver
logo
Texas Instruments
LP3943ISQ TI1-LP3943ISQ Datasheet
983Kb / 25P
RGB, White, Blue 16-LED Fun Light Driver
LP3943ISQ/NOPB TI1-LP3943ISQ/NOPB Datasheet
983Kb / 25P
RGB, White, Blue 16-LED Fun Light Driver
More results


Similar Description - LP3943

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17061 MAXIM-MAX17061 Datasheet
424Kb / 26P
8-String White LED Driver with SMBus for LCD Panel Applications
Rev 0; 1/08
MAX17061A MAXIM-MAX17061A Datasheet
530Kb / 24P
8-String White LED Driver with SMBus for LCD Panel Applications
Rev 0; 2/09
logo
ATMEL Corporation
MSL2160 ATMEL-MSL2160 Datasheet
1Mb / 28P
16-string, White and RGB LED Drivers with Adaptive Configuration, EEPROM, and SPI/I2C/SMBus Serial Interface
MSL3085BT ATMEL-MSL3085BT Datasheet
1Mb / 20P
8-string White and RGB LED Driver with Adaptive Power Control, EEPROM, and I2C/SMBus Serial Interface
MSL3163BT ATMEL-MSL3163BT Datasheet
2Mb / 20P
16-string White & RGB LED Drivers with Adaptive Power Control, E짼PROM, and SPI/I짼C/SMBus Serial Interface
logo
Kinetic Technologies.
KTD2026 KINETIC-KTD2026 Datasheet
749Kb / 21P
Constant Current RGB/White LED Driver with I2C Control
April 2020 - Revision 04h
KTD2052 KINETIC-KTD2052 Datasheet
1Mb / 29P
12-Channel RGB LED Drivers with I2C Control
October 2021 - Revision 04b
KTD2061 KINETIC-KTD2061 Datasheet
235Kb / 3P
36-Channel RGB LED Drivers with I2C Control
August 2022 - Revision 04e
KTD2061Q KINETIC-KTD2061Q Datasheet
142Kb / 2P
36-Channel RGB LED Drivers with I2C Control
August 2021 - Revision 04b
KTD2064 KINETIC-KTD2064 Datasheet
190Kb / 3P
24-Channel RGB LED Driver with I2C Control
August 2021 - Revision 04c
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com