Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3943 Datasheet(PDF) 2 Page - Texas Instruments

Part # LP3943
Description  LP3943 16-Channel RGB, White-LED Driver with Independent SMBUS/I2C String Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3943 Datasheet(HTML) 2 Page - Texas Instruments

  LP3943 Datasheet HTML 1Page - Texas Instruments LP3943 Datasheet HTML 2Page - Texas Instruments LP3943 Datasheet HTML 3Page - Texas Instruments LP3943 Datasheet HTML 4Page - Texas Instruments LP3943 Datasheet HTML 5Page - Texas Instruments LP3943 Datasheet HTML 6Page - Texas Instruments LP3943 Datasheet HTML 7Page - Texas Instruments LP3943 Datasheet HTML 8Page - Texas Instruments LP3943 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................2
Pin Functions.................................................................... 2
5 Specifications.................................................................. 4
5.1 Absolute Maximum Ratings........................................ 4
5.2 ESD Ratings............................................................... 4
5.3 Recommended Operating Conditions.........................4
5.4 Thermal Information....................................................4
5.5 Electrical Characteristics.............................................6
5.6 I2C Interface (SCL and SDA Pins) Timing
Requirements................................................................ 7
5.7 Typical Characteristic..................................................7
6 Detailed Description........................................................8
6.1 Overview..................................................................... 8
6.2 Functional Block Diagram........................................... 8
6.3 Feature Description.....................................................9
6.4 Device Functional Modes............................................9
6.5 Programming............................................................ 10
6.6 Register Maps...........................................................13
7 Device and Documentation Support............................20
7.1 Receiving Notification of Documentation Updates....20
7.2 Community Resources..............................................20
7.3 Trademarks...............................................................20
8 Revision History............................................................ 20
4 Pin Configuration and Functions
24
23
22
21
20
19
7
8
9
10
11
12
1
2
3
4
5
6
18
17
16
15
14
13
Figure 4-1. RTW Package 24-Pin WQFN With Exposed Pad Top View
Pin Functions
PIN
I/O
DESCRIPTION
NUMBER
NAME
1
LED0
Output
Output of LED0 Driver
2
LED1
Output
Output of LED1 Driver
3
LED2
Output
Output of LED2 Driver
4
LED3
Output
Output of LED3 Driver
5
LED4
Output
Output of LED4 Driver
6
LED5
Output
Output of LED5 Driver
7
LED6
Output
Output of LED6 Driver
8
LED7
Output
Output of LED7 Driver
9
GND
Ground
Ground
10
LED8
Output
Output of LED8 Driver
11
LED9
Output
Output of LED9 Driver
12
LED10
Output
Output of LED10 Driver
13
LED11
Output
Output of LED11 Driver
LP3943
SNVS256E – NOVEMBER 2003 – REVISED OCTOBER 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LP3943



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com