Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3943 Datasheet(PDF) 8 Page - Texas Instruments

Part # LP3943
Description  LP3943 16-Channel RGB, White-LED Driver with Independent SMBUS/I2C String Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3943 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP3943 Datasheet HTML 4Page - Texas Instruments LP3943 Datasheet HTML 5Page - Texas Instruments LP3943 Datasheet HTML 6Page - Texas Instruments LP3943 Datasheet HTML 7Page - Texas Instruments LP3943 Datasheet HTML 8Page - Texas Instruments LP3943 Datasheet HTML 9Page - Texas Instruments LP3943 Datasheet HTML 10Page - Texas Instruments LP3943 Datasheet HTML 11Page - Texas Instruments LP3943 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
6 Detailed Description
6.1 Overview
The LP3943 takes incoming data from the baseband controller and feeds them into several registers that control
the frequency and the duty cycle of the LEDs. Two prescaler registers and two PWM registers provide two
individual rates to dim or blink the LEDs (for more information on these registers, refer to Table 6-1). Each
LED can be programmed in one of four states: ON, OFF, DIM0 rate, or DIM1 rate. Two read-only registers
provide status on all 16 LEDs. The LP3943 can be used to drive RGB LEDs and/or single-color LEDs to create
a colorful, entertaining, and informative setting. Alternatively, it can also drive RGB LED as a flashlight. This is
particularly suitable for accessory functions in cellular phones and toys. Any LED pins not used to drive LED can
be used for general purpose parallel input/output (GPIO) expansion.
The LP3943 is equipped with power-on reset that holds the chip in a reset state until VDD reaches VPOR during
power up. Once VPOR is achieved, the LP3943 comes out of reset and initializes itself to the default state.
To bring the LP3943 into reset, hold the RST pin LOW for a period of TW. This puts the chip into its default state.
The LP3943 can only be programmed after RST signal is HIGH again.
6.2 Functional Block Diagram
Prescaler 0
Register
PWM 0
Register
Oscillator
Power-On Reset
VDD
RST
0
1
LED0
0
1
LED15
Bit 7 of Select Register LS3
Bit 6 of Select Register LS3
Bit 7 of Input Register2
PWM0 Register
PWM1 Register
COPIES
Bit0 of
Select
Register
LED Select Register
Bit1
Input Register
Bit0 of Input Reg 1
I
2C Bus
Control
I
2C
Filters
A2 A1 A0
SCL
SDA
LS0
Prescaler 1
Register
PWM 1
Register
LP3943
SNVS256E – NOVEMBER 2003 – REVISED OCTOBER 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LP3943



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com