Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3943 Datasheet(PDF) 17 Page - Texas Instruments

Part # LP3943
Description  LP3943 16-Channel RGB, White-LED Driver with Independent SMBUS/I2C String Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3943 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP3943 Datasheet HTML 13Page - Texas Instruments LP3943 Datasheet HTML 14Page - Texas Instruments LP3943 Datasheet HTML 15Page - Texas Instruments LP3943 Datasheet HTML 16Page - Texas Instruments LP3943 Datasheet HTML 17Page - Texas Instruments LP3943 Datasheet HTML 18Page - Texas Instruments LP3943 Datasheet HTML 19Page - Texas Instruments LP3943 Datasheet HTML 20Page - Texas Instruments LP3943 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
2.2 Detailed Design Procedure
2.2.1 Reducing IQ When LEDs are OFF
In many applications, the LEDs and the LP3943 share the same VDD, as shown in Figure 7-1. When the LEDs
are off, the LED pins are at a lower potential than VDD, causing extra supply current (ΔIQ). To minimize this
current, consider keeping the LED pins at a voltage equal to or greater than VDD.
Figure 7-2. Methods to Reduce IQ When LEDs are in OFF State
2.3 Application Curve
VIN (V)
2.3
2.6
2.9
3.2
3.5
3.8
4.1
4.4
4.7
5
25
28
31
34
37
40
43
46
49
D001
VLEDX = 0.4 V
VLEDX = 0.7 V
Figure 7-3. Typical LED Switch Resistance
www.ti.com
LP3943
SNVS256E – NOVEMBER 2003 – REVISED OCTOBER 2024
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: LP3943



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com