Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3943 Datasheet(PDF) 4 Page - Texas Instruments

Part # LP3943
Description  LP3943 16-Channel RGB, White-LED Driver with Independent SMBUS/I2C String Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3943 Datasheet(HTML) 4 Page - Texas Instruments

  LP3943 Datasheet HTML 1Page - Texas Instruments LP3943 Datasheet HTML 2Page - Texas Instruments LP3943 Datasheet HTML 3Page - Texas Instruments LP3943 Datasheet HTML 4Page - Texas Instruments LP3943 Datasheet HTML 5Page - Texas Instruments LP3943 Datasheet HTML 6Page - Texas Instruments LP3943 Datasheet HTML 7Page - Texas Instruments LP3943 Datasheet HTML 8Page - Texas Instruments LP3943 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1) (2) (3)
MIN
MAX
UNIT
VDD
–0.5
6
V
A0, A1, A2, SCL, SDA, RST
(Collectively called digital pins)
6
V
Voltage on LED pins
VSS − 0.5
6
V
Junction temperature
150
°C
Power dissipation(4)
400
mW
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Section 5.3.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
If Military/Aerospace specified devices are required, contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
The part cannot dissipate more than 400 mW.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
Machine model
±200
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process.
5.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)(1) (2)
MIN
NOM
MAX
UNIT
VDD
2.3
5.5
V
Junction temperature
–40
125
°C
Operating ambient temperature
–40
85
°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device might occur. Recommended Operating Conditions are
conditions under which operation of the device is ensured. Recommended Operating Conditions do not imply ensured performance
limits. For verified performance limits and associated test conditions, see Section 5.5.
(2)
All voltages are with respect to the potential at the GND pin.
5.4 Thermal Information
THERMAL METRIC(1)
LP3943
UNIT
RTW (WQFN)
24 PINS
RθJA
Junction-to-ambient thermal resistance
45.0
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
41.5
°C/W
RθJB
Junction-to-board thermal resistance
22.4
°C/W
ψJT
Junction-to-top characterization parameter
0.5
°C/W
ψJB
Junction-to-board characterization parameter
22.5
°C/W
LP3943
SNVS256E – NOVEMBER 2003 – REVISED OCTOBER 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LP3943



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com