Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3943 Datasheet(PDF) 13 Page - Texas Instruments

Part # LP3943
Description  LP3943 16-Channel RGB, White-LED Driver with Independent SMBUS/I2C String Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3943 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP3943 Datasheet HTML 9Page - Texas Instruments LP3943 Datasheet HTML 10Page - Texas Instruments LP3943 Datasheet HTML 11Page - Texas Instruments LP3943 Datasheet HTML 12Page - Texas Instruments LP3943 Datasheet HTML 13Page - Texas Instruments LP3943 Datasheet HTML 14Page - Texas Instruments LP3943 Datasheet HTML 15Page - Texas Instruments LP3943 Datasheet HTML 16Page - Texas Instruments LP3943 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
6.6 Register Maps
Table 6-1. LP3943 Register Table
Address (Hex)
Register Name
Read/Write
Register Function
0x00
Input 1
Read Only
LED0–7 Input Register
0x01
Input 2
Read Only
LED8–15 Input Register
0x02
PSC0
R/W
Frequency Prescaler 0
0x03
PWM0
R/W
PWM Register 0
0x04
PSC1
R/W
Frequency Prescaler 1
0x05
PWM1
R/W
PWM Register 1
0x06
LS0
R/W
LED0–3 Selector
0x07
LS1
R/W
LED4–7 Selector
0x08
LS2
R/W
LED8–11 Selector
0x09
LS3
R/W
LED12–15 Selector
6.6.1 Binary Format for Input Registers (Read-only)—Address 0x00 and 0x01
Table 6-2. Address 0x00
Bit #
7
6
5
4
3
2
1
0
Default value
X
X
X
X
X
X
X
X
LED7
LED6
LED5
LED4
LED3
LED2
LED1
LED0
Table 6-3. Address 0x01
Bit #
7
6
5
4
3
2
1
0
Default value
X
X
X
X
X
X
X
X
LED15
LED14
LED13
LED12
LED11
LED10
LED9
LED8
6.6.2 Binary Format for Frequency Prescaler and PWM Registers — Address 0x02 to 0x05
Table 6-4. Address 0x02 (PSC0)
Bit #
7
6
5
4
3
2
1
0
Default value
0
0
0
0
0
0
0
0
Table 6-5. Address 0x03 (PWM0)
Bit #
7
6
5
4
3
2
1
0
Default value
1
0
0
0
0
0
0
0
Table 6-6. Address 0x04 (PSC1)
Bit #
7
6
5
4
3
2
1
0
Default value
0
0
0
0
0
0
0
0
Table 6-7. Address 0x05 (PWM1)
Bit #
7
6
5
4
3
2
1
0
Default value
1
0
0
0
0
0
0
0
www.ti.com
LP3943
SNVS256E – NOVEMBER 2003 – REVISED OCTOBER 2024
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LP3943



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com