Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3943 Datasheet(PDF) 6 Page - Texas Instruments

Part # LP3943
Description  LP3943 16-Channel RGB, White-LED Driver with Independent SMBUS/I2C String Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3943 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP3943 Datasheet HTML 2Page - Texas Instruments LP3943 Datasheet HTML 3Page - Texas Instruments LP3943 Datasheet HTML 4Page - Texas Instruments LP3943 Datasheet HTML 5Page - Texas Instruments LP3943 Datasheet HTML 6Page - Texas Instruments LP3943 Datasheet HTML 7Page - Texas Instruments LP3943 Datasheet HTML 8Page - Texas Instruments LP3943 Datasheet HTML 9Page - Texas Instruments LP3943 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
5.5 Electrical Characteristics
Unless otherwise noted, VDD = 5.5V. Typical values and limits apply for TJ = 25°C. Minimum and maximum limits apply over
the entire junction temperature range for operation, TJ = −40°C to +125°C.(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
VDD
Supply voltage
2.3
5
5.5
V
IQ
Supply current
No load
350
550
µA
Standby
2
5
ΔIQ
Additional standby current
VDD = 5.5V, every LED pin at
4.3V
2
mA
VPOR
Power-On Reset voltage
1.8
1.96
V
tw
Reset pulse width
10
ns
LED
VIL
Low level input voltage
−0.5
0.8
V
VIH
High level input voltage
2
5.5
V
IOL
Low level output current(2)
VOL = 0.4V, VDD = 2.3V
9
mA
VOL = 0.4V, VDD = 3V
12
VOL = 0.4V, VDD = 5V
15
VOL = 0.7V, VDD = 2.3V
15
VOL = 0.7V, VDD = 3V
20
VOL = 0.7V, VDD = 5V
25
ILEAK
Input leakage current
VDD = 3.6V, VIN = 0V or VDD
−1
1
µA
CI/O
Input/output capacitance
See(3)
2.6
5
pF
ALL DIGITAL PINS (EXCEPT SCL AND SDA PINS)
VIL
LOW level input voltage
−0.5
0.8
V
VIH
HIGH level input voltage
2
5.5
V
ILEAK
Input leakage current
−1
1
µA
CIN
Input capacitance
VIN = 0V(3)
2.3
5
pF
I2C INTERFACE (SCL AND SDA PINS)
VIL
LOW level input voltage
–0.5
0.3VDD
V
VIH
HIGH level input voltage
0.7VDD
5.5
V
VOL
LOW level output voltage
0
0.2VDD
V
IOL
LOW level output current
VOL = 0.4V
3
6.5
mA
IQ_SCL/SDA
SCL/SDA to VDD capable
current
100
µA
ƒCLK
Clock frequency
400
kHz
(1)
Limits are ensured. All electrical characteristics having room-temperature limits are tested during production with TJ = 25°C. All hot
and cold limits are ensured by correlating the electrical characteristics to process and temperature variations and applying statistical
process control.
(2)
Each LED pin must not exceed 25 mA and each octal (LED0–LED7; LED8–LED15) must not exceed 100 mA. The package must not
exceed a total of 200 mA.
(3)
Verified by design.
LP3943
SNVS256E – NOVEMBER 2003 – REVISED OCTOBER 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LP3943



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com