Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3943 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP3943
Description  LP3943 16-Channel RGB, White-LED Driver with Independent SMBUS/I2C String Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3943 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP3943 Datasheet HTML 7Page - Texas Instruments LP3943 Datasheet HTML 8Page - Texas Instruments LP3943 Datasheet HTML 9Page - Texas Instruments LP3943 Datasheet HTML 10Page - Texas Instruments LP3943 Datasheet HTML 11Page - Texas Instruments LP3943 Datasheet HTML 12Page - Texas Instruments LP3943 Datasheet HTML 13Page - Texas Instruments LP3943 Datasheet HTML 14Page - Texas Instruments LP3943 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ack
w
ack
ack
stop
start
msb Chip Address lsb
msb Register Add lsb
msb
DATA
lsb
ack from slave
SCL
SDA
start
w ack
id = h'xx
addr = h'02
ack
address h'02 data
ack
stop
ack from slave
ack from slave
w = write (SDA = 0) r = read (SDA = 1) ack = acknowledge (SDA pulled LOW by either master or slave) rs = repeated start xx = 60 to 67
Figure 6-4. LP3943 Register Write
However, if a READ function is to be accomplished, a WRITE function must precede the READ function, as
shown in Figure 6-5.
ack
w
ack
rs
r
ack
ack stop
start
msb Chip Address lsb
msb Register Add lsb
msb Chip Address lsb
msb
DATA
lsb
ack from slave
SCL
SDA
ack from slave
ack from slave
ack from master
data from slave
repeated start
start
w ack
addr = h'00
ack
rs
r ack
address h'00 data
ack
stop
id = h'xx
id = h'xx
w = write (SDA = “0”) r = read (SDA = “1”) ack = acknowledge (SDA pulled LOW by either master or slave) rs = repeated start xx = 60 to
67
Figure 6-5. LP3943 Register Read
6.5.4 Auto Increment
Auto increment is a special feature supported by the LP3943 to eliminate repeated chip and register addressing
when data are to be written to or read from registers in sequential order. The auto increment bit is inside the
register address byte, as shown in Figure 6-6. Auto increment is enabled when this bit is programmed to “1” and
disabled when it is programmed to “0”.
Bits 5, 6 and 7 in the register address byte must always be zero.
Figure 6-6. Register Address Byte
In the READ mode, when auto increment is enabled, I2C master could receive any number of bytes from LP3943
without selecting chip address and register address again. Every time the I2C master reads a register, the
LP3943 increments the register address, and the next data register is read. When I2C master reaches the last
register (09H), the register address rolls over to 00H.
In the WRITE mode, when auto increment is enabled, the LP3943 increments the register address every time
I2C master writes to register. When the last register (09H register) is reached, the register address rolls over to
www.ti.com
LP3943
SNVS256E – NOVEMBER 2003 – REVISED OCTOBER 2024
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: LP3943



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com