Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPS2802ETLD Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part # KPS2802ETLD
Description  4PIN SSOP PHOTODARLINGTON PHOTOCOUPLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPS2802ETLD Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  KPS2802ETLD Datasheet HTML 1Page - COSMO  Electronics Corporation KPS2802ETLD Datasheet HTML 2Page - COSMO  Electronics Corporation KPS2802ETLD Datasheet HTML 3Page - COSMO  Electronics Corporation KPS2802ETLD Datasheet HTML 4Page - COSMO  Electronics Corporation KPS2802ETLD Datasheet HTML 5Page - COSMO  Electronics Corporation KPS2802ETLD Datasheet HTML 6Page - COSMO  Electronics Corporation KPS2802ETLD Datasheet HTML 7Page - COSMO  Electronics Corporation KPS2802ETLD Datasheet HTML 8Page - COSMO  Electronics Corporation KPS2802ETLD Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P25002.3
- 1 -
http://www.cosmo-ic.com
cosmo
KPS2802 Series
4PIN SSOP PHOTODARLINGTON
PHOTOCOUPLER
Description
The KPS2802 series consist of a photodarlington
optically coupled to a gallium arsenide infrared-emitting
diodes in a 4-pin SSOP package. The input-output
isolation voltage is rated at 3750Vrms..
 Schematic
1. Anode
2. Cathode
3. Emitter
4. Collector
Features
1. Pb free and RoHS compliant
2. High isolation voltage(VISO=3750Vrms)
3. Small and thin package(4pin SSOP, pin pitch 1.27mm)
4. High current transfer ratio (CTR=2000%TYP.@ IF=1 mA, VCE=2V )
5. MSL class 1
6. Agency Approvals:
• UL Approved (No. E169586): UL1577
• c-UL Approved (No. E169586)
• VDE Approved (No. 40010469): DIN EN60747-5-5
• FIMKO Approved: EN60065, EN60950
• SEMKO Approved: EN60065, EN60950
• CQC Approved: GB8898-2011, GB4943.1-2011
Applications
• Programmable logic controllers
• Measuring instruments
• Hybrid IC
• General applications


Similar Part No. - KPS2802ETLD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPS2802 COSMO-KPS2802 Datasheet
425Kb / 2P
High Reliablility Phtocoupler
KPS2802 COSMO-KPS2802_12 Datasheet
165Kb / 6P
High Isolation Voltage DC Input Response Type SSOP Photocoupler
More results

Similar Description - KPS2802ETLD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP4010 COSMO-KP4010_15 Datasheet
287Kb / 11P
4PIN PHOTODARLINGTON PHOTOCOUPLER
KPC815 COSMO-KPC815_15 Datasheet
287Kb / 11P
4PIN PHOTODARLINGTON PHOTOCOUPLER
KPS2801 COSMO-KPS2801_15 Datasheet
219Kb / 10P
4PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER
KPS2805 COSMO-KPS2805_15 Datasheet
230Kb / 10P
4PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER
KPS2806 COSMO-KPS2806_15 Datasheet
228Kb / 10P
4PIN SSOP PHOTODARLINGTON PHOTOCOUPLER
KPS2832 COSMO-KPS2832_15 Datasheet
221Kb / 10P
4PIN SSOP PHOTODARLINGTON PHOTOCOUPLER
KT1200 COSMO-KT1200_16 Datasheet
319Kb / 10P
4PIN LSOP PHOTODARLINGTON PHOTOCOUPLER
KT1210 COSMO-KT1210_16 Datasheet
319Kb / 10P
4PIN LSOP PHOTODARLINGTON PHOTOCOUPLER
KT1400 COSMO-KT1400_16 Datasheet
178Kb / 10P
4PIN LSOP PHOTODARLINGTON PHOTOCOUPLER
KT1410 COSMO-KT1410_16 Datasheet
223Kb / 10P
4PIN LSOP PHOTODARLINGTON PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com