Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPS2802ETLD Datasheet(PDF) 4 Page - COSMO Electronics Corporation

Part # KPS2802ETLD
Description  4PIN SSOP PHOTODARLINGTON PHOTOCOUPLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPS2802ETLD Datasheet(HTML) 4 Page - COSMO Electronics Corporation

  KPS2802ETLD Datasheet HTML 1Page - COSMO  Electronics Corporation KPS2802ETLD Datasheet HTML 2Page - COSMO  Electronics Corporation KPS2802ETLD Datasheet HTML 3Page - COSMO  Electronics Corporation KPS2802ETLD Datasheet HTML 4Page - COSMO  Electronics Corporation KPS2802ETLD Datasheet HTML 5Page - COSMO  Electronics Corporation KPS2802ETLD Datasheet HTML 6Page - COSMO  Electronics Corporation KPS2802ETLD Datasheet HTML 7Page - COSMO  Electronics Corporation KPS2802ETLD Datasheet HTML 8Page - COSMO  Electronics Corporation KPS2802ETLD Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P25002.3
- 4 -
http://www.cosmo-ic.com
cosmo
KPS2802 Series
4PIN SSOP PHOTODARLINGTON
PHOTOCOUPLER
Classification table of current
transfer ratio is shown below.
CTR RANK
CTR ( % )
KPS28020E
Min.200
Fig.1 Current Transfer Ratio
vs. Forward Current
C E
T a = 2 5 °C
V = 2 V
0
0 .1
2 0 0 0
4 0 0 0
0 .2
0 .5
1 .0
2
8 0 0 0
6 0 0 0
1 0 0 0 0
5 .0
1 0
Forward Current IF (mA)
Fig.2 Collector Power Dissipation
vs. Ambient Temperature
Fig.3 Collector Dark Current
vs. Ambient Temperature
125
100
75
50
150
200
100
0
50
25
0
-30
1 2 0
C E
-5
-6
1 0
1 0
-7
1 0
-9
1 0
1 0
-1 0
-1 1
1 0
-8
8 0
6 0
2 0
0
4 0
-3 0
1 0
1 0 0
V
= 4 0 V
Ambient Temperature Ta (℃)
Ambient Temperature Ta (℃)
Fig.4 Forward Current
vs. Ambient Temperature
Fig.5 Forward Current
vs. Forward Voltage
60
10
-55
0
20
0
25
30
40
50
50
75
115 125
1.5
2
1
0
0.5
5
10
1.0
50°C
Ta=75°C
20
50
200
100
2.0
2.5
3.0
0°C
-25°C
25°C
500
Ambient Temperature Ta (℃)
Forward Voltage VF (V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com