Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPS2802ETLD Datasheet(PDF) 5 Page - COSMO Electronics Corporation

Part # KPS2802ETLD
Description  4PIN SSOP PHOTODARLINGTON PHOTOCOUPLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPS2802ETLD Datasheet(HTML) 5 Page - COSMO Electronics Corporation

  KPS2802ETLD Datasheet HTML 1Page - COSMO  Electronics Corporation KPS2802ETLD Datasheet HTML 2Page - COSMO  Electronics Corporation KPS2802ETLD Datasheet HTML 3Page - COSMO  Electronics Corporation KPS2802ETLD Datasheet HTML 4Page - COSMO  Electronics Corporation KPS2802ETLD Datasheet HTML 5Page - COSMO  Electronics Corporation KPS2802ETLD Datasheet HTML 6Page - COSMO  Electronics Corporation KPS2802ETLD Datasheet HTML 7Page - COSMO  Electronics Corporation KPS2802ETLD Datasheet HTML 8Page - COSMO  Electronics Corporation KPS2802ETLD Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P25002.3
- 5 -
http://www.cosmo-ic.com
cosmo
KPS2802 Series
4PIN SSOP PHOTODARLINGTON
PHOTOCOUPLER
Fig.6 Collector Current
vs. Collector-Emitter Voltage
Fig.7 Relative Current Transfer Ratio
vs. Ambient Temperature
I =1mA
20
0
1
40
60
2
F
I =2mA
F
3
4
5
100
140
180
120
160
200
I =15mA
80
F
I =5mA
I =10mA
F
F
Pc (MAX)
Ta =25°C
5 0
0
-5 5
0
2 5
1 0 0
1 0 0
7 5
5 0
1 5 0
V
= 2 V
I = 1 m A
F
C E
1 1 5
-2 5
Collector-Emitter Voltage VCE (V)
Ambient Temperature Ta (℃)
Fig.8 Collector-Emitter Saturation
Voltage vs. Forward Current
Fig.9 Response Time
vs. Load Resistance
4 .8
Ic= 7m A
1 .6
0 .8
0
0
1 .6
3 .2
2 .4
3 .2
4 .0
Ic= 3 0m A
Ic= 5 0m A
Ic= 0.5 m A
Ic= 1 m A
Ic= 5 m A
Ic= 3 m A
6 .4
8 .0
T a = 25 °C
1
0.01
0.1
5 00
100 0
2 00
1 00
5
2
10
20
ts
td
T a = 25°C
5 0
C C
Ic = 2m A
V
=5V
1 0
1
tf
tr
Forward Current IF (mA)
Load Resistance RL (KΩ)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com