Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPS2802ETLD Datasheet(PDF) 3 Page - COSMO Electronics Corporation

Part # KPS2802ETLD
Description  4PIN SSOP PHOTODARLINGTON PHOTOCOUPLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPS2802ETLD Datasheet(HTML) 3 Page - COSMO Electronics Corporation

  KPS2802ETLD Datasheet HTML 1Page - COSMO  Electronics Corporation KPS2802ETLD Datasheet HTML 2Page - COSMO  Electronics Corporation KPS2802ETLD Datasheet HTML 3Page - COSMO  Electronics Corporation KPS2802ETLD Datasheet HTML 4Page - COSMO  Electronics Corporation KPS2802ETLD Datasheet HTML 5Page - COSMO  Electronics Corporation KPS2802ETLD Datasheet HTML 6Page - COSMO  Electronics Corporation KPS2802ETLD Datasheet HTML 7Page - COSMO  Electronics Corporation KPS2802ETLD Datasheet HTML 8Page - COSMO  Electronics Corporation KPS2802ETLD Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P25002.3
- 3 -
http://www.cosmo-ic.com
cosmo
KPS2802 Series
4PIN SSOP PHOTODARLINGTON
PHOTOCOUPLER
Absolute Maximum Ratings
(Ta=25℃)
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
Peak forward current(*1)
IFP
1
A
Reverse voltage
VR
6
V
Power dissipation
PD
60
mW
Power dissipation derating
PD/℃
0.6
mW/℃
Output
Collector-Emitter voltage
VCEO
40
V
Emitter-Collector voltage
VECO
6
V
Collector current
IC
90
mA
Collector power dissipation
PC
120
mW
Collector power dissipation derating
PC/℃
1.2
mW/℃
Isolation voltage 1 minute(*2)
Viso
3750
Vrms
Operating temperature
Topr
-55 to +115
℃
Storage temperature
Tstg
-55 to +125
℃
*1 PW=100μs,Duty Cycle=1%.
*2 AC voltage for 1minute at T =25
,RH=60% between input and output
℃
.
Electro-optical Characteristics
(Ta=25℃)
Parameter
Symbol
Conditions
Min.
Typ.
Max. Unit
Input
Forward voltage
VF
IF=5mA
–
1.1
1.4
V
Reverse current
IR
VR=5V
–
–
5
μA
Terminal capacitance
Ct
V=0, f=1MHZ
–
60
–
pF
Output Collector dark current
ICEO
VCE=40V,IF=0mA
–
–
400
nA
Transfer
charac-
teristics
Current transfer ratio
CTR
IF=1mA, VCE=2V
200
2000
-
%
Collector-Emitter saturation
voltage
VCE(sat)
IF=1mA, Ic=2mA
–
–
1.0
V
Isolation resistance
Riso
DC500V
5x10
10
10
11
–
Ω
Floating capacitance
Cf
V=0,
f=1MHZ
–
0.4
-
pF
Response time (Rise)(*3)
tr
Vce=5V,Ic=2mA,RL=100Ω
–
200
–
μs
Response time (Fall) (*3)
tf
–
200
–
μs
*3 Test Circuit for Switching Time



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com