Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCDQ5544P Datasheet(PDF) 12 Page - OSRAM GmbH

Part # SCDQ5544P
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SCDQ5544P Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button SCDQ5544P Datasheet HTML 8Page - OSRAM GmbH SCDQ5544P Datasheet HTML 9Page - OSRAM GmbH SCDQ5544P Datasheet HTML 10Page - OSRAM GmbH SCDQ5544P Datasheet HTML 11Page - OSRAM GmbH SCDQ5544P Datasheet HTML 12Page - OSRAM GmbH SCDQ5544P Datasheet HTML 13Page - OSRAM GmbH SCDQ5544P Datasheet HTML 14Page - OSRAM GmbH SCDQ5544P Datasheet HTML 15Page - OSRAM GmbH SCDQ5544P Datasheet HTML 16Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
2010-04-13
12
SCDQ5541P/Q/R, SCDQ5542P/Q/R, SCDQ5543P/Q/R, SCDQ5544P/Q/R
SCDQ554XX Interface to Siemens/Intel 8031 Microprocessor (using serial port in mode 0)
SCDQ554XX Interface to Siemens/Intel 8031 Microprocessor (using one bit of parallel port as serial input)
Microprocessor Interface
The microprocessor interface is through the serial port, SPI port or one out of eight data bits on the eight bit parallel port and also control
lines SDCLK and LOAD.
Power Up Sequence
Upon power up display will come on at random. Thus the display should be reset at power-up. The reset will set the Address Register to
Digit 0, User RAM is set to 0 (display blank) the Control Word is set to 0 (100% brightness with Lamp Test off) and the internal counters
are reset.
SCDQ554XX Interface with Motorola 68HC05C4 Microprocessor (using SPI port)
IDCD5022
CC
V
RxD
TxD
P3.3
8031
XTAL
RST
CC
V
SCDQ554XX
SDATA
SDCLK
LOAD
2
3
1
CC
V
0.01 µF
+
20 µF
4
5
IDCD5023
CC
V
P0.0
P3.6
P3.0
8031
XTAL
RST
CC
V
SCDQ554XX
SDATA
SDCLK
LOAD
2
3
1
CC
V
0.01 µF
+
20 µF
4
5
IDCD5024
CC
V
P0.0
SCLK
MOSI
68HC05
XTAL
RST
CC
V
SCDQ554XX
SData
SDCLK
Load
2
3
1
CC
V
0.01 µF
+
20 µF
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com