Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCDQ5544P Datasheet(PDF) 13 Page - OSRAM GmbH

Part # SCDQ5544P
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SCDQ5544P Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button SCDQ5544P Datasheet HTML 8Page - OSRAM GmbH SCDQ5544P Datasheet HTML 9Page - OSRAM GmbH SCDQ5544P Datasheet HTML 10Page - OSRAM GmbH SCDQ5544P Datasheet HTML 11Page - OSRAM GmbH SCDQ5544P Datasheet HTML 12Page - OSRAM GmbH SCDQ5544P Datasheet HTML 13Page - OSRAM GmbH SCDQ5544P Datasheet HTML 14Page - OSRAM GmbH SCDQ5544P Datasheet HTML 15Page - OSRAM GmbH SCDQ5544P Datasheet HTML 16Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
SCDQ5541P/Q/R, SCDQ5542P/Q/R, SCDQ5543P/Q/R, SCDQ5544P/Q/R
2010-04-13
13
Loading Data into the Display
Use following procedure to load data into the display:
1.
Power up the display.
2.
Step A: software clear the display.
3.
Step B: Load the Control Word with the desired
brightness level.
4.
Load the Digit Address into the display.
5.
Load display row and column data for the selected digit.
6.
Repeat steps 4 and 5 for all digits.
Data Contents for the Display in a Horizontal Format “
↑AB↓”
Step
D7
D6 D5
D4
D3 D2 D1 D0
Function
A
B (optional)
11
0
11
1
00
0
0
0
10
B
B
B
CLEAR
BRIGHTNESS SELECT
1
2
3
4
5
6
10
1
00
0
00
1
01
0
01
1
10
0
0
0
000
0
0
100
0
1
110
1
0
101
0
0
100
0
0
100
DIGIT D0 SELECT
ROW 0 D0 (
↑)
ROW 1 D0 (
↑)
ROW 2 D0 (
↑)
ROW 3 D0 (
↑)
ROW 4 D0 (
↑)
7
8
9
10
11
12
10
1
00
0
00
1
01
0
01
1
10
0
0
0
001
0
0
100
0
1
010
1
1
111
1
0
001
1
0
001
DIGIT D1 SELECT
ROW 0 D1 (A)
ROW 1 D1 (A)
ROW 2 D1 (A)
ROW 3 D1 (A)
ROW 4 D1 (A)
13
14
15
16
17
18
10
1
00
0
00
1
01
0
01
1
10
0
0
0
010
1
1
110
0
1
001
0
1
110
0
1
001
1
1
110
DIGIT D2 SELECT
ROW 0 D2 (B)
ROW 1 D2 (B)
ROW 2 D2 (B)
ROW 3 D2 (B)
ROW 4 D2 (B)
19
20
21
22
23
24
10
1
00
0
00
1
01
0
01
1
10
0
00
0
1
1
00
1
0
0
00
1
0
0
10
1
0
1
01
1
1
0
00
1
0
0
DIGIT D3 SELECT
ROW 0 D3 (
↓)
ROW 1 D3 (
↓)
ROW 2 D3 (
↓)
ROW 3 D3 (
↓)
ROW 4 D3 (
↓)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com