Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCDQ5544P Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SCDQ5544P
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SCDQ5544P Datasheet(HTML) 1 Page - OSRAM GmbH

  SCDQ5544P Datasheet HTML 1Page - OSRAM GmbH SCDQ5544P Datasheet HTML 2Page - OSRAM GmbH SCDQ5544P Datasheet HTML 3Page - OSRAM GmbH SCDQ5544P Datasheet HTML 4Page - OSRAM GmbH SCDQ5544P Datasheet HTML 5Page - OSRAM GmbH SCDQ5544P Datasheet HTML 6Page - OSRAM GmbH SCDQ5544P Datasheet HTML 7Page - OSRAM GmbH SCDQ5544P Datasheet HTML 8Page - OSRAM GmbH SCDQ5544P Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SCDQ554xQ
Square 0.134" 4-Character
5x5 Dot Matrix Serial Input Dot Addressable Intelligent Display® Devices
SCDQ554xP
SCDQ554xR
2010-04-13
1
Lead (Pb) Free Product - RoHS Compliant
Yellow
SCDQ5541P/Q/R
Super-red
SCDQ5542P/Q/R
Green
SCDQ5543P/Q/R
High Efficiency Green
SCDQ5544P/Q/R
DESCRIPTION
The SCDQ5541X (Yellow), SCDQ5542X (Super-red),
SCDQ5543X (Green), and SCDQ5544X (High Efficiency
Green) are four digit, dot addressable 5 x 5 dot matrix,
serial input, alphanumeric Intelligent Display devices in a
square format. The four digits are packaged in a rugged,
high quality, optically transparent, plastic package sev-
eral mounting options. The SIP Pin for standard display
mounting and 90° Bend SIP for side mounting. Addition-
ally, a connector/header configuration is also available for
display side mounting.
The on-board CMOS has a 100 bit RAM, one bit associ-
ated with one LED, each to generate User Defined Char-
acters. In Power Down Mode, quiescent current
is <50 µA.
The SCDQ554XX is designed for work with the serial port
of most common microprocessors. Data is transferred into
the display through the Serial Data Input (DATA), clocked
by the Serial Data Clock (SDCLK), and enabled by the
Load Input (LOAD).
FEATURES
•
Four 3.40 mm (0.134") 5 x 5 Dot Matrix Characters in
Red, Yellow, Super-red, Green, or High Efficiency
Green
•
Optimum Display Surface Efficiency
(display area to package ratio)
•
Square Character Format to Display Data in a
Vertical or Horizontal Format
•
High Speed Data Input Rate: 5.0 MHz
•
ROMless Serial Input, Dot Addressable Display—
Ideal for User Defined Characters
•
Built-in Decoders, Multiplexers and LED Drivers
•
Readable from 1.8 meters (6 Feet)
•
Wide Viewing Angle, ± 55° in X-Axis and Y-Axis
•
Attributes:
– 100 Bit RAM for User Defined Characters
– Eight Dimming Levels
– Power Down Model (<250 µW)
– Software Clear Function
– Lamp Test
– 3.3 V Capability


Similar Part No. - SCDQ5544P

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
SCD GAMEWELL-FCI-SCD Datasheet
74Kb / 2P
Signal Control Element
logo
List of Unclassifed Man...
SCD ETC2-SCD Datasheet
244Kb / 7P
SMD Unshielded Power Inductors
logo
Cornell Dubilier Electr...
SCD CDE-SCD Datasheet
104Kb / 4P
High dV/dt Direct Mount IGBT Snubber
logo
Eravant
SCD-0130432020-SF-SC ERAVANT-SCD-0130432020-SF-SC Datasheet
380Kb / 3P
Coaxial Directional Coupler, 1 to 4 GHz, 20 dB Coupling Level
Rev 1.0
SCD-0134031010-KF-SA ERAVANT-SCD-0134031010-KF-SA Datasheet
370Kb / 3P
Coaxial Directional Coupler, 1 to 40 GHz, 10 dB Coupling Level
Rev 1.3
More results

Similar Description - SCDQ5544P

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGA676 OSRAM-LGA676 Datasheet
406Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LGN971 OSRAM-LGN971 Datasheet
363Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LGP47K OSRAM-LGP47K Datasheet
452Kb / 16P
Lead (Pb) Free Product RoHS Compliant
LHQ974 OSRAM-LHQ974 Datasheet
344Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LSA67B OSRAM-LSA67B Datasheet
369Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LWA67C OSRAM-LWA67C Datasheet
446Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
LWP473 OSRAM-LWP473 Datasheet
501Kb / 17P
Lead (Pb) Free Product RoHS Compliant
LYA675 OSRAM-LYA675 Datasheet
385Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LSQ971 OSRAM-LSQ971 Datasheet
463Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LETH3A OSRAM-LETH3A Datasheet
460Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com