Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCDQ5544P Datasheet(PDF) 15 Page - OSRAM GmbH

Part # SCDQ5544P
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SCDQ5544P Datasheet(HTML) 15 Page - OSRAM GmbH

Back Button SCDQ5544P Datasheet HTML 8Page - OSRAM GmbH SCDQ5544P Datasheet HTML 9Page - OSRAM GmbH SCDQ5544P Datasheet HTML 10Page - OSRAM GmbH SCDQ5544P Datasheet HTML 11Page - OSRAM GmbH SCDQ5544P Datasheet HTML 12Page - OSRAM GmbH SCDQ5544P Datasheet HTML 13Page - OSRAM GmbH SCDQ5544P Datasheet HTML 14Page - OSRAM GmbH SCDQ5544P Datasheet HTML 15Page - OSRAM GmbH SCDQ5544P Datasheet HTML 16Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
SCDQ5541P/Q/R, SCDQ5542P/Q/R, SCDQ5543P/Q/R, SCDQ5544P/Q/R
2010-04-13
15
User Definable Character Set Examples* (continued)
Scientific notations, ect.
Foreign characters
*CAUTION: No more than 128 LEDs “on” at one time at 100% brightness.
IDCS5083
HEX
CODE
CODE
HEX
CODE
HEX
CODE
HEX
CODE
HEX
CODE
HEX
CODE
HEX
CODE
HEX
CODE
HEX
86
6E
2E
5E
06
04
24
48
71
8E
1F
20
59
75
93
0E
20
4A
64
8A
0C
32
56
71
96
0E
24
4E
71
8E
00
24
4A
71
9F
10
3C
52
72
81
0E
31
5F
71
8E
10
28
44
6A
91
09
29
49
6E
90
01
2E
54
64
84
04
2E
55
6E
84
0E
31
51
6A
9B
01
2E
5A
6A
8A
0F
32
52
72
8C
1F
28
44
68
9F
18
24
48
7C
80
1C
28
44
78
80
12
36
5A
67
80
06
21
5A
67
80
07
22
59
66
80
1C
34
5C
60
80
0F
28
48
78
88
00
24
4E
7F
8E
04
22
5F
62
84
00
27
4F
78
9C
00
2E
5F
6E
84
04
28
5F
68
84
00
3C
5F
63
87
0E
3F
4E
64
80
1F
31
51
71
9F
00
20
40
60
83
04
3E
5F
7E
84
08
2C
4A
78
98
00
20
40
67
9F
04
2F
5F
6F
84
0A
35
4A
75
8A
00
23
5F
7F
9F
0E
2E
4E
6E
8E
15
2A
55
6A
95
0C
3C
5C
7C
9C
00
3F
5F
7F
80
1F
35
5F
75
9F
15
2E
44
64
84
04
2E
55
64
84
00
3F
5F
7C
80
04
24
55
6E
84
0E
3F
5B
7F
8E
91
20
56
79
1F
32
52
72
0D
8D
80
6E
04
5F
2E
IDCS5084
HEX
CODE
CODE
HEX
CODE
HEX
CODE
HEX
CODE
HEX
CODE
HEX
CODE
HEX
CODE
HEX
CODE
HEX
84
62
21
5F
1F
1F
21
46
64
88
01
22
46
6A
82
00
3F
44
64
9F
08
3F
49
6A
88
1F
21
45
67
8C
02
3F
51
62
8C
08
3F
49
69
92
04
3F
44
7F
84
0F
29
51
62
8C
08
2F
52
62
82
0F
21
41
61
9F
0A
3F
4A
62
8C
19
21
59
62
9C
0F
29
55
63
8C
01
3E
42
7F
86
15
35
55
62
8C
0E
20
5F
64
98
08
28
4C
6A
90
04
3F
44
64
98
0E
20
40
60
9F
1F
21
4A
64
9A
04
3E
44
6E
95
04
24
44
68
90
10
3F
50
70
8F
12
32
52
64
88
0A
2E
51
7F
91
1F
21
41
62
8C
04
34
54
75
96
02
24
4C
64
8E
0E
20
4E
60
8F
1E
25
4F
74
8F
04
2A
4E
71
8E
04
28
51
7F
81
0F
34
5F
74
97
0A
34
52
7A
96
01
21
4A
64
8A
0F
30
4F
64
98
08
24
51
71
8E
1F
28
5F
68
87
0F
33
55
79
9E
02
24
51
71
8E
1E
22
42
62
9F
0F
34
57
74
8F
04
2A
51
71
8E
1F
21
5F
61
9F
00
2A
5F
74
8B
0E
20
5F
61
8E
08
24
4E
72
8F
86
3F
51
61
04
3F
46
6A
02
92
91
71
04
51
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com