Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH7250 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH7250
Description  Infrared-Emitter (850 nm) and Si-Phototransistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7250 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH7250 Datasheet HTML 1Page - OSRAM GmbH SFH7250 Datasheet HTML 2Page - OSRAM GmbH SFH7250 Datasheet HTML 3Page - OSRAM GmbH SFH7250 Datasheet HTML 4Page - OSRAM GmbH SFH7250 Datasheet HTML 5Page - OSRAM GmbH SFH7250 Datasheet HTML 6Page - OSRAM GmbH SFH7250 Datasheet HTML 7Page - OSRAM GmbH SFH7250 Datasheet HTML 8Page - OSRAM GmbH SFH7250 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
2015-01-28
1
2015-01-28
Infrared-Emitter (850 nm) and Si-Phototransistor
IR-Emitter (850 nm) und Si-Fototransistor
Version 1.1
SFH 7250
Ordering Information
Bestellinformation
Features:
Besondere Merkmale:
• Available on tape and reel
•
Gegurtet lieferbar
• SMT package with IR emitter (850 nm) and
Si-phototransistor
•
SMT Gehäuse mit IR-Sender (850 nm) and
Si-Fototransistor
• Suitable for SMT assembly
•
Geeignet für SMT-Bestückung
• Emitter und detector can be controlled separately
•
Sender und Empfänger getrennt ansteuerbar
Applications
Anwendungen
• Data transmission
•
Datenübertragung
• Lock bar
•
Wegfahrsperre
• Infrared interface
•
Infrarotschnittstelle
Type:
Package:
Ordering Code
Typ:
Gehäuse:
Bestellnummer
SFH 7250
SMT Multi TOPLED®
Q65111A3188


Similar Part No. - SFH7250

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH7251 OSRAM-SFH7251 Datasheet
361Kb / 15P
Infrared Emitter (850 nm) and green GaP-LED (570 nm)
SFH7252 OSRAM-SFH7252 Datasheet
458Kb / 16P
Infrared Emitter (850 nm) and Infrared Emitter (940 nm)
More results

Similar Description - SFH7250

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4356 OSRAM-SFH4356 Datasheet
435Kb / 11P
Infrared Emitter (850 nm)
SFH4356P OSRAM-SFH4356P Datasheet
267Kb / 12P
Infrared Emitter (850 nm)
SFH4556P OSRAM-SFH4556P Datasheet
253Kb / 12P
Infrared Emitter (850 nm)
SFH4851 OSRAM-SFH4851 Datasheet
262Kb / 11P
Infrared Emitter (850 nm)
SFH4853 OSRAM-SFH4853 Datasheet
284Kb / 11P
Infrared Emitter (850 nm)
SFH4855 OSRAM-SFH4855 Datasheet
271Kb / 12P
Infrared Emitter (850 nm)
SFH4857 OSRAM-SFH4857 Datasheet
460Kb / 12P
Infrared Emitter (850 nm)
SFH7252 OSRAM-SFH7252 Datasheet
458Kb / 16P
Infrared Emitter (850 nm) and Infrared Emitter (940 nm)
SFH-7250 OSRAM-SFH-7250 Datasheet
480Kb / 16P
Infrared-Emitter (850 nm) and Si-Phototransistor
SFH-7252 OSRAM-SFH-7252 Datasheet
458Kb / 16P
Infrared Emitter (850 nm) and Infrared Emitter (940 nm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com