Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH7250 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH7250
Description  Infrared-Emitter (850 nm) and Si-Phototransistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7250 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH7250 Datasheet HTML 1Page - OSRAM GmbH SFH7250 Datasheet HTML 2Page - OSRAM GmbH SFH7250 Datasheet HTML 3Page - OSRAM GmbH SFH7250 Datasheet HTML 4Page - OSRAM GmbH SFH7250 Datasheet HTML 5Page - OSRAM GmbH SFH7250 Datasheet HTML 6Page - OSRAM GmbH SFH7250 Datasheet HTML 7Page - OSRAM GmbH SFH7250 Datasheet HTML 8Page - OSRAM GmbH SFH7250 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2015-01-28
4
Version 1.1
SFH 7250
Forward voltage
Durchlassspannung
(I
F = 500 mA, tp = 100 µs)
(typ (max)) V
F
2.4 (≤ 3)
V
Reverse current
Sperrstrom
(V
R = 5 V)
(typ (max)) I
R
not designed for
reverse operation
µA
Total radiant flux
Gesamtstrahlungsfluss
(I
F = 70 mA, tp = 20 ms)
(typ)
Φ
e
40
mW
Min Radiant Intensity
Min Strahlstärke
(I
F = 70 mA, tp = 20 ms)
I
e, min
6.3
mW / sr
Radiant intensity
Strahlstärke
(I
F = 70 mA, tp = 20 ms)
I
e, typ
10
mW/sr
Typ Radiant Intensity
Typ Strahlstärke
(I
F = 500 mA, tp = 100 µs)
I
e, typ
60
mW / sr
Temperature coefficient of I
e or Φe
Temperaturkoeffizient von I
e bzw. Φe
(I
F = 70 mA, tp = 20 ms)
(typ)
TC
I
-0.5
% / K
Temperature coefficient of V
F
Temperaturkoeffizient von V
F
(I
F = 70 mA, tp = 20 ms)
(typ)
TC
V
-0.7
mV / K
Temperature coefficient of wavelength
Temperaturkoeffizient der Wellenlänge
(I
F = 70 mA, tp = 20 ms)
(typ)
TC
λ
0.3
nm / K
Phototransistor
Fototransistor
(T
A = 25 °C, λ = 880 nm)
Wavelength of max. sensitivity
Wellenlänge der max. Fotoempfindlichkeit
(typ)
λ
S max
990
nm
Spectral range of sensitivity
Spektraler Bereich der Fotoempfindlichkeit
(S = 10% of S
max)
(typ)
λ
440 ... 1150
nm
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com