Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH7250 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH7250
Description  Infrared-Emitter (850 nm) and Si-Phototransistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7250 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH7250 Datasheet HTML 1Page - OSRAM GmbH SFH7250 Datasheet HTML 2Page - OSRAM GmbH SFH7250 Datasheet HTML 3Page - OSRAM GmbH SFH7250 Datasheet HTML 4Page - OSRAM GmbH SFH7250 Datasheet HTML 5Page - OSRAM GmbH SFH7250 Datasheet HTML 6Page - OSRAM GmbH SFH7250 Datasheet HTML 7Page - OSRAM GmbH SFH7250 Datasheet HTML 8Page - OSRAM GmbH SFH7250 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Version 1.1
SFH 7250
2015-01-28
5
Grouping (T
A = 25 °C)
Gruppierung
Radiant sensitive area
Bestrahlungsempfindliche Fläche
(∅ = 240 µm)
(typ)
A
0.038
mm2
Dimensions of chip area
Abmessung der Chipfläche
(typ)
L x W
(typ) 0.45
x 0.45
mm x
mm
Distance chip front to case surface
Abstand Chipoberfläche bis Gehäusevorderseite
(typ)
H
(typ) 0.5 ...
0.7
mm
Half angle
Halbwinkel
(typ)
ϕ
± 60
°
Capacitance
Kapazität
(V
CE = 0 V, f = 1 MHz, E = 0)
(typ)
C
CE
5
pF
Dark current
Dunkelstrom
(V
CE = 25 V, E = 0)
(typ (max)) I
CE0
1 (≤ 200)
nA
Photocurrent
Fotostrom
(λ = 880 nm, E
e = 0.1 mW/cm
2, V
CE = 5 V)
I
PCE
≥ 16
µA
Rise and fall time
Anstiegs- und Abfallzeit
(I
C = 1 mA, VCC = 5 V, RL = 1 kΩ)
(typ)
t
r, tf
7
µs
Collector-emitter saturation voltage
Kollektor-Emitter Sättigungsspannung
(I
C = 5 µA, Ee = 0.1 mW/cm
2)
(typ)
V
CEsat
150
mV
Group
Min Radiant Intensity
Max Radiant Intensity
Typ Radiant Intensity
Gruppe
Min Strahlstärke
Max Strahlstärke
Typ Strahlstärke
I
F = 70 mA, tp = 20 ms
I
F = 70 mA, tp = 20 ms
I
F = 500 mA, tp = 100 µs
I
e, min
I
e, max
I
e, typ
SFH 7250-Q
6.3
12.5
55
SFH 7250-R
10
20
90
Note:
Measured at a solid angle of Ω = 0.01 sr.
Anm.:
Gemessen bei einem Raumwinkel von Ω = 0.01 sr.
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com