Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH7250 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH7250
Description  Infrared-Emitter (850 nm) and Si-Phototransistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7250 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH7250 Datasheet HTML 1Page - OSRAM GmbH SFH7250 Datasheet HTML 2Page - OSRAM GmbH SFH7250 Datasheet HTML 3Page - OSRAM GmbH SFH7250 Datasheet HTML 4Page - OSRAM GmbH SFH7250 Datasheet HTML 5Page - OSRAM GmbH SFH7250 Datasheet HTML 6Page - OSRAM GmbH SFH7250 Datasheet HTML 7Page - OSRAM GmbH SFH7250 Datasheet HTML 8Page - OSRAM GmbH SFH7250 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2015-01-28
2
Version 1.1
SFH 7250
Maximum Ratings
Grenzwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operating and storage temperature range
Betriebs- und Lagertemperatur
T
op; Tstg
-40 ... 100
°C
Junction temperature
Sperrschichttemperatur
T
j
(max)
100
°C
IRED
Forward current
Durchlassstrom
I
F
70
mA
Surge current
Stoßstrom
(t
p ≤ 10 µs, D = 0)
I
FSM
0.7
A
Reverse voltage
Sperrspannung
V
R
5
V
Total power dissipation
Verlustleistung
P
tot
140
mW
Thermal resistance junction - ambient
1) page 15
Wärmewiderstand Sperrschicht - Umgebung
1) Seite 15
R
thJA
500
K / W
Thermal resistance junction - solder point
Wärmewiderstand Sperrschicht - Lötpad
R
thJS
400
K / W
ESD withstand voltage
ESD Festigkeit
V
ESD
2
kV
Phototransistor
Fototransistor
Collector current
Kollektorstrom
I
C
15
mA
Surge current
Stoßstrom
(t
p ≤ 10 µs, D = 0)
I
FSM
0.075
A
Collector-emitter voltage
Kollektor-Emitter-Spannung
V
CE
35
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com