Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny11 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATtiny11
Description  AVR Studio Compatible
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny11 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATtiny11 Datasheet HTML 5Page - ATMEL Corporation ATtiny11 Datasheet HTML 6Page - ATMEL Corporation ATtiny11 Datasheet HTML 7Page - ATMEL Corporation ATtiny11 Datasheet HTML 8Page - ATMEL Corporation ATtiny11 Datasheet HTML 9Page - ATMEL Corporation ATtiny11 Datasheet HTML 10Page - ATMEL Corporation ATtiny11 Datasheet HTML 11Page - ATMEL Corporation ATtiny11 Datasheet HTML 12Page - ATMEL Corporation ATtiny11 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
Getting Started
AVR STK500 User Guide
2-3
1925C–AVR–3/03
2.3.1
Connecting the
Hardware
Figure 2-2. Connection to STK500
To program the AT90S8515, connect the supplied 6-wire cable between the ISP6PIN
header and the SPROG3 target ISP header as shown in Figure 2-1. Section 3.7.1 on
page 3-9 describes the programming cable connections.
Connect a serial cable to the connector marked “RS232 CTRL” on the evaluation board
to a COM port on the PC as shown in Figure 2-2. Install AVR Studio software on the PC.
Instructions on how to install and use AVR Studio are given in Section 5 on page 5-1.
When AVR Studio is started, the program will automatically detect to which COM port
the STK500 is connected.
2.3.2
Programming the
Target AVR Device
The STK500 is controlled from AVR Studio, version 3.2 and higher. AVR Studio is an
integrated development environment (IDE) for developing and debugging AVR applica-
tions. AVR Studio provides a project management tool, source file editor, simulator, in-
circuit emulator interface and programming interface for STK500.
To program a hex file into the target AVR device, select “STK500” from the “Tools”
menu in AVR Studio.
Select the AVR target device from the pull-down menu on the “Program” tab and locate
the intel-hex file to download.
Press the “Erase” button, followed by the “Program” button. The status LED will now
turn yellow while the part is programmed, and when programming succeeds, the LED
will turn green. If programming fails, the LED will turn red after programming. See the
troubleshooting guide in Section 7 on page 7-1.
To Computer (RS-232)
10 - 15V DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com