Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny11 Datasheet(PDF) 44 Page - ATMEL Corporation

Part # ATtiny11
Description  AVR Studio Compatible
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny11 Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button ATtiny11 Datasheet HTML 40Page - ATMEL Corporation ATtiny11 Datasheet HTML 41Page - ATMEL Corporation ATtiny11 Datasheet HTML 42Page - ATMEL Corporation ATtiny11 Datasheet HTML 43Page - ATMEL Corporation ATtiny11 Datasheet HTML 44Page - ATMEL Corporation ATtiny11 Datasheet HTML 45Page - ATMEL Corporation ATtiny11 Datasheet HTML 46Page - ATMEL Corporation ATtiny11 Datasheet HTML 47Page - ATMEL Corporation ATtiny11 Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 61 page
background image
Using AVR Studio
5-4
AVR STK500 User Guide
1925C–AVR–3/03
5.3.3
“LockBits” Settings
Similar to the “Fuses” tab, the “LockBits” tab shows which lock modes are applicable to
the selected device. All lock bits are accessible in both ISP and High-voltage Program-
ming. A lock mode may consist of a combination of setting multiple Lock bits. This is
handled by the STK500 user interface, and the correct lock bits are programmed auto-
matically for the selected lock mode. Once a Lock mode protection level is enabled, it is
not possible to lower the protection level by selecting a “lower” degree of protection or
by setting a different Lock mode. The only way to remove a programmed Lock bit is to
perform a complete chip erase, erasing both program and data memories. One excep-
tion exists: If the target device has a programmed “EESAVE” fuse, the contents of the
EEPROM will be saved even though a complete chip erase on the device is performed.
Figure 5-4. LockBits
5.3.4
“Advanced”
Settings
The “Advanced” tab is currently divided into two subgroups.
5.3.4.1
Signature Bytes
By pressing the “Read Signature” button, the signature bytes are read from the target
device. The signature bytes act like an identifier for the part. After reading the signature,
the software will check if it is the correct signature according to the chosen device.
Please refer to the AVR datasheets to read more about signature bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com