Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny11 Datasheet(PDF) 48 Page - ATMEL Corporation

Part # ATtiny11
Description  AVR Studio Compatible
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny11 Datasheet(HTML) 48 Page - ATMEL Corporation

Back Button ATtiny11 Datasheet HTML 44Page - ATMEL Corporation ATtiny11 Datasheet HTML 45Page - ATMEL Corporation ATtiny11 Datasheet HTML 46Page - ATMEL Corporation ATtiny11 Datasheet HTML 47Page - ATMEL Corporation ATtiny11 Datasheet HTML 48Page - ATMEL Corporation ATtiny11 Datasheet HTML 49Page - ATMEL Corporation ATtiny11 Datasheet HTML 50Page - ATMEL Corporation ATtiny11 Datasheet HTML 51Page - ATMEL Corporation ATtiny11 Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 61 page
background image
Using AVR Studio
5-8
AVR STK500 User Guide
1925C–AVR–3/03
5.3.6.1
Setting Up the
System for
Auto-programming
Click on the check boxes for the commands that you want the STK500 user interface to
perform. A typical sequence where the device is erased and then programmed is shown
in Figure 5-7. The chip is erased, both memories programmed and verified, and finally,
fuses and lock bits are programmed.
Once configured, the same programming sequence is executed every time the “Start”
button is pressed. This reduces both work and possibilities for errors due to operational
errors.
5.3.6.2
Logging the
Auto-programming
to a File
By clicking on the “Log to file” check box, all output from the commands are written to a
text file. Select or create the file by pressing the “Browse” button and navigate to the
location where the file is placed or should be created. The output is directed to this file,
and can be viewed and edited using a text editor.
5.3.7
History Window
The History window is located at the bottom of the STK500 view. In this window the dia-
log between AVR Studio and STK500 is shown. For every new command performed,
the old dialog is replaced with the new one.
Figure 5-8. History Window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com