Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny11 Datasheet(PDF) 45 Page - ATMEL Corporation

Part # ATtiny11
Description  AVR Studio Compatible
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny11 Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button ATtiny11 Datasheet HTML 41Page - ATMEL Corporation ATtiny11 Datasheet HTML 42Page - ATMEL Corporation ATtiny11 Datasheet HTML 43Page - ATMEL Corporation ATtiny11 Datasheet HTML 44Page - ATMEL Corporation ATtiny11 Datasheet HTML 45Page - ATMEL Corporation ATtiny11 Datasheet HTML 46Page - ATMEL Corporation ATtiny11 Datasheet HTML 47Page - ATMEL Corporation ATtiny11 Datasheet HTML 48Page - ATMEL Corporation ATtiny11 Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 61 page
background image
Using AVR Studio
AVR STK500 User Guide
5-5
1925C–AVR–3/03
Figure 5-5. Advanced
5.3.4.2
Oscillator
Calibration Byte
The oscillator calibration byte is written to the device during manufacturing, and cannot
be erased or altered by the user. The calibration byte is a tuning value that should be
written to the OSCCAL register in order to tune the internal RC oscillator.
5.3.4.3
Reading Oscillator
Calibration Byte
By pressing the “Read Cal. Byte” button, the calibration value is read from the device
and is shown in the “Value” text box. Note that the calibration byte is not directly acces-
sible during program execution and must be written to a memory location during
programming if it shall be used by the program. If this option is grayed out, the selected
device does not have a tunable internal RC oscillator.
5.3.4.4
Writing Oscillator
Calibration Byte
Since the calibration byte is not directly accessible during program execution, the user
should write the calibration byte into a known location in Flash or EEPROM memory. Do
this by writing the desired memory address in the “Write Address” text box and then
press the “Write to Memory” button. The calibration byte is then written to the memory
indicated by the “Flash” and “Eeprom” radio buttons.
5.3.5
“Board” Settings
The “Board” tab allows the changing of operating conditions on the STK500 develop-
ment board. The following properties can be modified: VTARGET, AREF and oscillator
frequency.
The interface is very flexible and it is possible to force the operating conditions beyond
the recommended specifications for the device. Doing this is not recommended, and
may damage the target device. The recommended operating conditions for the part are
stated in the device datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com