Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LECWE3B Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LECWE3B
Description  Lighting with Optics (silicone)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LECWE3B Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LECWE3B Datasheet HTML 3Page - OSRAM GmbH LECWE3B Datasheet HTML 4Page - OSRAM GmbH LECWE3B Datasheet HTML 5Page - OSRAM GmbH LECWE3B Datasheet HTML 6Page - OSRAM GmbH LECWE3B Datasheet HTML 7Page - OSRAM GmbH LECWE3B Datasheet HTML 8Page - OSRAM GmbH LECWE3B Datasheet HTML 9Page - OSRAM GmbH LECWE3B Datasheet HTML 10Page - OSRAM GmbH LECWE3B Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
LE CW E3B
2009-08-11
7
Farbtemperatur: 4000K
Color temperature: 4000K
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
PU
0.387
0.396
OU
0.374
0.387
0.390
0.406
0.376
0.397
0.404
0.415
0.390
0.406
0.401
0.404
0.387
0.396
PT
0.383
0.380
OT
0.370
0.373
0.387
0.396
0.374
0.387
0.401
0.404
0.387
0.396
0.395
0.388
0.383
0.380
PS
0.378
0.365
OS
0.367
0.358
0.383
0.380
0.370
0.373
0.395
0.388
0.383
0.380
0.390
0.372
0.378
0.365
PR
0.376
0.354
OR
0.365
0.348
0.378
0.365
0.367
0.358
0.390
0.372
0.378
0.365
0.386
0.361
0.376
0.354
Farbtemperatur: 4500K
Color temperature: 4500K
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
NU
0.364
0.381
MU
0.355
0.374
0.366
0.390
0.356
0.383
0.376
0.397
0.366
0.390
0.374
0.387
0.364
0.381
NT
0.362
0.366
MT
0.353
0.360
0.364
0.381
0.355
0.374
0.374
0.387
0.364
0.381
0.370
0.373
0.362
0.366
NS
0.359
0.352
MS
0.351
0.347
0.362
0.366
0.353
0.360
0.370
0.373
0.362
0.366
0.367
0.358
0.359
0.352
NR
0.357
0.343
MR
0.350
0.337
0.359
0.352
0.351
0.347
0.367
0.358
0.359
0.352
0.365
0.348
0.357
0.343



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com