Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LECWE3B Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LECWE3B
Description  Lighting with Optics (silicone)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LECWE3B Datasheet(HTML) 1 Page - OSRAM GmbH

  LECWE3B Datasheet HTML 1Page - OSRAM GmbH LECWE3B Datasheet HTML 2Page - OSRAM GmbH LECWE3B Datasheet HTML 3Page - OSRAM GmbH LECWE3B Datasheet HTML 4Page - OSRAM GmbH LECWE3B Datasheet HTML 5Page - OSRAM GmbH LECWE3B Datasheet HTML 6Page - OSRAM GmbH LECWE3B Datasheet HTML 7Page - OSRAM GmbH LECWE3B Datasheet HTML 8Page - OSRAM GmbH LECWE3B Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LE CW E3B
OSTAR
® - Lighting with Optics (silicone)
Lead (Pb) Free Product - RoHS Compliant
Not for New designs / Nicht für Neuentwicklungen
2009-08-11
1
Besondere Merkmale
• Gehäusetyp: OSTAR
® - Lighting
• Besonderheit des Bauteils: extrem hohe
Helligkeit und Leuchtdichte dank
Oberflächenemission und niedrigem R
th
typischer Farbort: x = 0,42, y = 0,40 nach
CIE 1931 (weiß)
• typische Farbtemperatur: 2700 K, 3000 K,
3500 K, 4000 K, 4500K
• Farbwiedergabeindex: 80
• Abstrahlwinkel: 130°
• Abstrahlende Fläche: 2,1 mm x 3,2 mm
Technologie: ThInGaN
®
Leuchtdichte: 12*10
6 cd/m² (3500 K)
optischer Wirkungsgrad: 44 lm/W bei 350 mA
(3500 K)
• Montierbarkeit: verschraubbar
Lötpads für Verdrahtung
• ESD-Festigkeit: ESD-sicher bis 2 kV nach
JESD22-A114-D
• Verpackungseinheit: pro Box 60 Stück
Anwendungen
• Strahler für die Allgemeinbeleuchtung
• Mikroskopbeleuchtung
• Verkehrszeichen
• Hochwertige Blitzlichter
Features
• package: OSTAR
® - Lighting
• feature of the device: outstanding brightness
and luminance due to pure surface emission
and low R
th
typ. color coordinates: x = 0.42, y = 0.40 acc.
to CIE 1931 (white)
• typ. color temperature: 2700 K, 3000 K,
3500 K, 4000 K, 4500 K
color reproduction index: 80
• viewing angle: 130°
• light emitting surface: 2.1 mm x 3.2 mm
technology: ThInGaN
®
• Luminance: 12*10
6 cd/m² (3500 K)
optical efficiency: 44 lm/W at 350 mA
(3500 K)
• mounting methods: screw holes
solder pads for wire attachment
• ESD-withstand voltage: up to 2 kV acc. to
JESD22-A114-D
method of packing: 60 pcs. per tray
Applications
• General lighting
• microscope illumination
• VMS (variable message signs)
• high end strobe light


Similar Part No. - LECWE3B

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LECWE3A OSRAM-LECWE3A Datasheet
722Kb / 19P
Lighting without Optics
LECWE3A-LZNX-Q3R5 OSRAM-LECWE3A-LZNX-Q3R5 Datasheet
722Kb / 19P
Lighting without Optics
LECWE3A-MXNY-N3P5 OSRAM-LECWE3A-MXNY-N3P5 Datasheet
722Kb / 19P
Lighting without Optics
LECWE3A-MYNZ-H3K5 OSRAM-LECWE3A-MYNZ-H3K5 Datasheet
722Kb / 19P
Lighting without Optics
LECWE3A-MYNZ-L3M5 OSRAM-LECWE3A-MYNZ-L3M5 Datasheet
722Kb / 19P
Lighting without Optics
More results

Similar Description - LECWE3B

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4750 OSRAM-SFH4750 Datasheet
161Kb / 8P
OSRAM OSTAR - Lighting IR 6-fold with Optics (850nm)
LECWE2A OSRAM-LECWE2A Datasheet
475Kb / 18P
Lighting without Optics
LECWE3A OSRAM-LECWE3A Datasheet
722Kb / 19P
Lighting without Optics
LEUWE3B OSRAM-LEUWE3B Datasheet
662Kb / 17P
Lighting with Optics
GWCS8PM1.EM OSRAM-GWCS8PM1.EM Datasheet
1Mb / 25P
SMT ceramic package with silicone resin and silicone lens
LD-CQDP OSRAM-LD-CQDP Datasheet
1Mb / 23P
SMT ceramic package with silicone resin and silicone lens
GW-CSSRM2.PM OSRAM-GW-CSSRM2.PM Datasheet
2Mb / 25P
SMT ceramic package with silicone resin and silicone lens
SFH-4750 OSRAM-SFH-4750 Datasheet
289Kb / 7P
OSTAR짰 - Lighting IR 6-fold with Optics (850nm)
SFH-4751 OSRAM-SFH-4751 Datasheet
290Kb / 7P
OSTAR짰 - Lighting IR 6-fold with Optics (940nm)
LUW-CQ7P OSRAM-LUW-CQ7P Datasheet
1Mb / 26P
SMT ceramic package with silicone resin and silicone lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com