Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEWE2A Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LEWE2A
Description  Strahler f체r die Allgemeinbeleuchtung
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEWE2A Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LEWE2A Datasheet HTML 4Page - OSRAM GmbH LEWE2A Datasheet HTML 5Page - OSRAM GmbH LEWE2A Datasheet HTML 6Page - OSRAM GmbH LEWE2A Datasheet HTML 7Page - OSRAM GmbH LEWE2A Datasheet HTML 8Page - OSRAM GmbH LEWE2A Datasheet HTML 9Page - OSRAM GmbH LEWE2A Datasheet HTML 10Page - OSRAM GmbH LEWE2A Datasheet HTML 11Page - OSRAM GmbH LEWE2A Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
LE W E2A
2009-01-12
8
Durchlassstrom
2) Seite 17
Forward Current
2) page 17
I
F = f (VF); Tboard = 25 °C
Farbortverschiebung
2) Seite 17
Chromaticity Coordinate Shift
2) page 17
x, y =
f (I
F); Tboard = 25 °C
Relative Lichtfluss
2) 5) Seite 17
Relative Luminous Flux
2) 5) page 17
Φ
V/ΦV(700 mA) = f (IF); Tboard = 25 °C
10
OHL02856
10
1
2
10
3
10
mA
5
5
IF
VF
11
12
13
14
15
16 V 17
-0.02
0
IF
OHL02806
mA
Cx,
Δ
Cy
Δ
-0.01
0
0.01
0.02
0.03
0.05
200
400
600
800
1200
Cx
Cy
V (700 mA)
V
I
F
10
1
10
2
10
3
mA
5
5
OHL02688
Φ
Φ
0
10
-1
10
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com