Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEWE2A Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LEWE2A
Description  Strahler f체r die Allgemeinbeleuchtung
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEWE2A Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LEWE2A Datasheet HTML 5Page - OSRAM GmbH LEWE2A Datasheet HTML 6Page - OSRAM GmbH LEWE2A Datasheet HTML 7Page - OSRAM GmbH LEWE2A Datasheet HTML 8Page - OSRAM GmbH LEWE2A Datasheet HTML 9Page - OSRAM GmbH LEWE2A Datasheet HTML 10Page - OSRAM GmbH LEWE2A Datasheet HTML 11Page - OSRAM GmbH LEWE2A Datasheet HTML 12Page - OSRAM GmbH LEWE2A Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
LE W E2A
2009-01-12
9
Relative Vorwärtsspannung
2) Seite 17
Relative Forward Voltage
2) page 17
ΔV
F = VF - VF(25 °C) = f(Tj); IF= 700 mA
Farbortverschiebung
2) Seite 17
Chromaticity Coordinate Shift
2) page 17
x, y = f (T
j); IF = 700 mA
Relative Lichtstrom
2) Seite 17
Relative Luminous Flux
2) page 17
Φ
V/ΦV(25 °C) = f (Tj); IF = 700 mA
OHL03503
Tj
-40
-0.4
-0.8
-1.2
0
0.4
-20
0
20 40
0.8
1.6
˚C
60
100
-60
V
VF
Δ
-0.015
-60
OHL03519
˚C
-40 -20
0
20 40 60
100
j
T
-0.010
-0.005
0
0.005
0.010
0.020
Cx,
Δ
Cy
Δ
Cy
Cx
-60
0
-40 -20
0
20
V (25 ˚C)
Φ
Φ
V
˚C
60
40
Tj
100
OHL12725
0.2
0.4
0.6
0.8
1.0
1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com