Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEWE2A Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LEWE2A
Description  Strahler f체r die Allgemeinbeleuchtung
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEWE2A Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LEWE2A Datasheet HTML 6Page - OSRAM GmbH LEWE2A Datasheet HTML 7Page - OSRAM GmbH LEWE2A Datasheet HTML 8Page - OSRAM GmbH LEWE2A Datasheet HTML 9Page - OSRAM GmbH LEWE2A Datasheet HTML 10Page - OSRAM GmbH LEWE2A Datasheet HTML 11Page - OSRAM GmbH LEWE2A Datasheet HTML 12Page - OSRAM GmbH LEWE2A Datasheet HTML 13Page - OSRAM GmbH LEWE2A Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
LE W E2A
2009-01-12
10
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (T)
Zulässige Impulsbelastbarkeit I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle D = parameter
,
T
board = 55°C;
Zulässige Impulsbelastbarkeit I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle D = parameter,
T
board = 100 °C;
0
0˚C
T
IF
mA
OHL03412
200
400
600
800
1200
Board
20
40
60
80
100
0.9
-5
F
I
A
t
P
=
D
T
tp
s
OHL03416
T
t
P
IF
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
1
0.5
0.01
0.1
0.2
0.02
0.05
0.005
D =
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.1
10
10
0
-2
-3
-4
-5
10
10
10
F
I
A
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHL03417
T
t
P
IF
0.02
0.5
0.2
0.05
0.1
D =
0.005
0.01
1
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com