Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS30 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # STS30
Description  Fully calibrated and linearized digital output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STS30 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button STS30 Datasheet HTML 9Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 10Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 11Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 12Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 13Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 14Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 15Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 16Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 17Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
www.sensirion.com
November 2016 - Version 1
13/17
5.2
Package Outline
Figure 7
Dimensional drawing of STS3x-DIS sensor package
Parameter
Symbol
Min
Nom. Max Units Comments
Package height
A
0.8
0.9
1
mm
Leadframe height
A3
-
0.2
-
mm
Pad width
b
0.2
0.25
0.3
mm
Package width
D
2.4
2.5
2.6
mm
Center pad length
D2
1
1.1
1.2
mm
Package length
E
2.4
2.5
2.6
mm
Center pad width
E2
1.7
1.8
1.9
mm
Pad pitch
e
-
0.5
-
mm
Pad length
L
0.3
0.35
0.4
mm
Center pad marking
T1xT2
-
0.3x45°
-
mm
indicates the position of pin 1
Table 19 Package outline.
5.3
Land Pattern
Figure 8 shows the land pattern. The land pattern is
understood to be the open metal areas on the PCB, onto
which the DFN pads are soldered.
The solder mask is understood to be the insulating layer
on top of the PCB covering the copper traces. It is
recommended to design the solder pads as a Non-
Solder Mask Defined (NSMD) type. For NSMD pads, the
solder mask opening should provide a 60 μm to 75 μm
design clearance between any copper pad and solder
mask. As the pad pitch is only 0.5 mm we recommend to
have one solder mask opening for all 4 I/O pads on one
side.
For solder paste printing it is recommended to use a
laser-cut, stainless steel stencil with electro-polished
trapezoidal walls and with 0.1 or 0.125 mm stencil
thickness. The length of the stencil apertures for the I/O
pads should be the same as the PCB pads. However,
the position of the stencil apertures should have an offset
of 0.1 mm away from the center of the package. The die
pad aperture should cover about 70 % – 90 % of the die
pad area –thus it should have a size of about 0.9 mm x
1.6 mm.
For information on the soldering process and further
recommendation on the assembly process please
consult
the
Application
Note
HT_AN_SHTxx_Assembly_of_SMD_Packages , which
can be found on the Sensirion webpage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com