Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS30 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # STS30
Description  Fully calibrated and linearized digital output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STS30 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  STS30 Datasheet HTML 1Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 2Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 3Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 4Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 5Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 6Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 7Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 8Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Datasheet STS3x-DIS
www.sensirion.com
November 2016 - Version 1
2/17
1 Sensor Performance
1.1
Temperature Sensor Performance
Parameter
Condition
Value
Units
Accuracy tolerance1 STS30-DIS
typ., 0°C to 65°C
0.3
°C
Accuracy tolerance1 STS31-DIS
typ., -40°C to 90°C
0.3
°C
Repeatability2
Low
0.24
°C
Medium
0.12
°C
High
0.06
°C
Resolution
Typ.
0.015
°C
Specified Range
-
-40 to 125
°C
Response time 3
63%
>2
s
Long Term Drift
max
<0.03
°C/yr
Table 1 Temperature sensor specification.
STS30
STS31
Figure 2 Temperature accuracy of the STS30 sensor.
Figure 3 Temperature accuracy of the STS31 sensor.
1 For definition of typical and maximum accuracy tolerance, please refer to the document “Sensirion Humidity Sensor Specification Statement”.
2 The stated repeatability is 3 times the standard deviation (3σ) of multiple consecutive measurements at the stated repeatability and at constant ambient conditions. It
is a measure for the noise on the physical sensor output.
3 Temperature response times strongly depend on the type of heat exchange, the available sensor surface and the design environment of the sensor in the final
application.
±0.0
±0.5
±1.0
±1.5
-40
-20
0
20
40
60
80
100 120
Temperature (°C)
maximal tolerance
typical tolerance
DT (°C)
DT (°C)
DT (°C)
DT (°C)
DT (°C)
DT (°C)
±0.0
±0.5
±1.0
±1.5
-40
-20
0
20
40
60
80
100 120
Temperature (°C)
maximal tolerance
typical tolerance
DT (°C)
DT (°C)
DT (°C)
DT (°C)
DT (°C)
DT (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com