Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS30 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # STS30
Description  Fully calibrated and linearized digital output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STS30 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  STS30 Datasheet HTML 1Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 2Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 3Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 4Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 5Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 6Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 7Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 8Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
www.sensirion.com
November 2016 - Version 1
3/17
2 Specifications
2.1
Electrical Specifications
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units Comments
Supply voltage
VDD
2.4
3.3
5.5
V
Power-up/down level
VPOR
2.1
2.3
2.4
V
Slew rate change of the
supply voltage
VDD,slew
-
-
20
V/ms
Voltage changes on the
VDD line between
VDD,min and VDD,max
should be slower than
the maximum slew rate;
faster slew rates may
lead to reset;
Supply current
IDD
idle state
(single shot mode)
-
0.2
2.0
A
Current when sensor is
not performing a
measurement during
single shot mode
idle state
(periodic data
acquisition mode)
-
45
70
A
Current when sensor is
not performing a
measurement during
periodic data acquisition
mode
Measuring
-
800
1500
A
Current consumption
while sensor is
measuring
Average
-
2
-
A
Current consumption
(operation with one
measurement per
second at lowest
repeatability, single shot
mode)
Alert Output driving
strength
IOH
0.8x VDD 1.5x VDD
2.1x VDD
mA See also section 3.5
Heater power
PHeater
Heater running
4.5
-
33
mW
Depending on the
supply voltage
Table 2 Electrical specifications, valid at 25°C.
2.2
Timing Specification for the Sensor System
Parameter
Symbol
Conditions
Min.
Typ.
Max. Units Comments
Power-up time
tPU
After hard reset,
VDD ≥ VPOR
-
0.5
1
ms
Time between VDD reaching
VPOR and sensor entering idle
state
Soft reset time
tSR
After soft reset.
-
0.5
1
ms
Time between ACK of soft
reset command and sensor
entering idle state
Duration of reset pulse
tRESETN
1
-
-
µs See section 3.6
Measurement duration
tMEAS,l
Low repeatability
2.5
4
ms The three repeatability modes
differ with respect to
measurement duration, noise
level and energy consumption
tMEAS,m
Medium repeatability
4.5
6
ms
tMEAS,h
High repeatability
12.5
15
ms
Table 3 System timing specification, valid from -40 °C to 125 °C and 2.4 V to 5.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com