Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS30 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # STS30
Description  Fully calibrated and linearized digital output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STS30 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  STS30 Datasheet HTML 1Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 2Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 3Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 4Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 5Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 6Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 7Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 8Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
www.sensirion.com
November 2016 - Version 1
1/17
Datasheet STS3x-DIS
High-Accuracy Digital Temperature Sensor IC
Fully calibrated and linearized digital output
Wide supply voltage range, from 2.4 V to 5.5 V
I2C Interface with communication speeds up to 1
MHz and two user selectable addresses
Typical accuracy of
 0.3 °C
Very fast start-up and measurement time
Tiny 8-Pin DFN package
Product Summary
The STS3x-DIS is Sensirion’s new high accuracy digital
temperature sensor. It relies on the industry proven
CMOSens® technology, providing for increased
intelligence,
reliability
and
improved
accuracy
specifications compared to its predecessors. Its
functionality includes enhanced signal processing, two
distinctive and user selectable I2C addresses and
communication speeds of up to 1 MHz. The DFN
package has a footprint of 2.5 x 2.5 mm2 while keeping
a height of 0.9 mm. This allows for integration of the
STS3x-DIS into a great variety of applications.
Additionally, the wide supply voltage range of 2.4 V to
5.5 V guarantees compatibility with a wide range of
applications. All in all, the STS3x-DIS incorporates more
than 15 years of Sensirion’s digital sensor know-how.
Benefits of Sensirion’s CMOSens® Technology
High reliability and long-term stability
Industry-proven technology with a track record of
more than 15 years
Designed for mass production
High process capability
High signal-to-noise ratio
Content
1
Sensor Performance.............................................2
2
Specifications .......................................................3
3
Pin Assignment ....................................................5
4
Operation and Communication.............................6
5
Packaging...........................................................12
6
Shipping Package ..............................................14
7
Quality ................................................................15
8
Ordering Information...........................................15
9
Further Information.............................................15
Figure 1 Functional block diagram of the STS3x-DIS. The
CMOSens™ technology allows providing for a fully
calibrated I2C signal.


Similar Part No. - STS30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS30N3LLH6 STMICROELECTRONICS-STS30N3LLH6 Datasheet
776Kb / 13P
High avalanche ruggedness
July 2009 Rev 2
More results

Similar Description - STS30

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXY8020A MOTOROLA-MPXY8020A Datasheet
283Kb / 16P
TIRE PRESSURE MONITORING SENSOR TEMPERATURE COMPENSATED AND CALIBRATED FULLY INTEGRATED DIGITAL OUTPUT
logo
Freescale Semiconductor...
MPXY8020A FREESCALE-MPXY8020A Datasheet
303Kb / 17P
Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
MPXY8020A FREESCALE-MPXY8020A_03 Datasheet
284Kb / 16P
Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
MPXY8021A FREESCALE-MPXY8021A Datasheet
299Kb / 15P
Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated, Digital Output
logo
General Semiconductor
SOP-14 GE-SOP-14 Datasheet
96Kb / 4P
The Fully Calibrated Humidity and Temperature Solution
logo
List of Unclassifed Man...
LPG10 ETC2-LPG10 Datasheet
354Kb / 5P
Calibrated and temperature compensated digital output
SHT10 ETC2-SHT10 Datasheet
355Kb / 12P
Fully calibrated
SHT30 ETC2-SHT30 Datasheet
910Kb / 20P
Fully calibrated, linearized, and temperature compensated digital output
logo
Amphenol Corporation
CHIPCAP2 AMPHENOL-CHIPCAP2 Datasheet
222Kb / 4P
Fully Calibrated & Temperature Compensated
T9602 AMPHENOL-T9602 Datasheet
295Kb / 4P
Fully calibrated and temperature compensated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com