Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5904ACPZN-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADL5904ACPZN-R7
Description  RMS and envelope threshold detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5904ACPZN-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADL5904ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADL5904ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADL5904ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADL5904ACPZN-R7 Datasheet HTML 23Page - Analog Devices ADL5904ACPZN-R7 Datasheet HTML 24Page - Analog Devices ADL5904ACPZN-R7 Datasheet HTML 25Page - Analog Devices ADL5904ACPZN-R7 Datasheet HTML 26Page - Analog Devices ADL5904ACPZN-R7 Datasheet HTML 27Page - Analog Devices ADL5904ACPZN-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
ADL5904
Data Sheet
Rev. 0 | Page 26 of 27
Table 7. Evaluation Board Configuration Options
Component
Function
Notes
Default Values
RFIN, R1, R2, R3,
R8, R9, R10, L1,
L2, C2, C4, C5
RF input
Apply the RF input signal to the ADL5904 to the SMA connector
labeled RFIN. The ADL5904 RFIN pin (Pin 1) is dc-coupled and is not
internally matched. A broadband 50 Ω match is achieved using an
external 82.5 Ω shunt resistor with a 0.47 µF ac coupling capacitor
placed between the shunt resistor and the RF input. An external
preemphasis network can be built to improve flatness vs. frequency
using the components between R8 and the RFIN SMA connector.
C4= 0.47uF (0402)
R8 = 82.5 Ω (0402)
R2, R9, R10 = 0 Ω (0402)
R1, R3 = open (0402)
L1, L2 = open (0402)
C2, C5 = open (0402)
VCAL, VIN_N,
TPVIN_N, C17,
VCAL threshold
calibration
The output voltage from the threshold calibration pin (VCAL, Pin 3) is
available on the yellow VCAL clip lead. Use the voltage on this pin to
determine the correct threshold voltage that must be applied to Pin 16
(VIN−) to set a particular RF power threshold. This process includes two
steps: first, measure the output voltage on the VCAL yellow clip lead
with no RF signal applied to RFIN (this voltage is approximately 750
mV). Next, apply the RF input power to RFIN, which causes the circuit
to trip, and again measure the voltage on the VCAL yellow clip lead.
The difference between these two voltages is equal to the voltage that
must be applied to VIN− during operation. This voltage can be applied
either to the VIN_N SMA connector or to the TPVIN_N yellow clip lead.
Use C17 to provide noise decoupling of the applied input voltage.
C17 = open (0603)
R6, C3
DECL internal
decoupling
node
A resistor in series with a capacitor to ground must be connected to the
DECL pin (Pin 4).
C3 = 100 nF (0402)
R6 = 4.02 Ω (0402)
VPOS, GND, C7,
C6
Power supply
interface
Apply the 3.3 V power supply for the evaluation board to the VPOS (red)
and GND (black) test loops. The nominal supply decoupling consists of a
100 pF capacitor and a 0.1 µF capacitor, with the 100 pF capacitor
placed closest to the VPOS pin (Pin 5).
C7 = 0.1 µF (0402),
C6 = 100 pF (0402)
VPOS = 3.3 V
VRMS, TP1, R16,
C14
Output
interface
The rms output voltage is available on the VRMS SMA connector or on
the TP1 yellow clip lead.
R16 = 0 Ω (0402)
C14 = open (0603)
C12
RMS averaging
capacitor
Set the value of the rms averaging capacitor based on the peak to
average ratio and bandwidth of the input signal and based on the
desired output response time and residual output noise.
C12 = 0.1 µF (0402)
Q, Q, QX, QX,
R19, R21, C15,
C16
Threshold
detect output
(Q and Q)
The threshold detect flip flop outputs (Q and Q) are available on the
SMA connectors labeled Q and Q and on the 2-pin headers labeled QX
and QX. To test the response time of Q and Q, remove R19 and R21 and
probe QX and QX with low capacitance FET probes.
C15 = C16 = open (0603)
R19, R21 = 0 Ω (0603)
ENBL, S1, R31
Enable interface
The ADL5904 can be enabled by applying 3.3 V to the ENBL SMA
connector or using the S1 switch. The enable voltage must be equal to
but not greater than the 3.3 V supply voltage.
R31 = 10 kΩ (0603)
RST push-button
switch, R4, C1,
R28
Threshold
detect reset
The threshold detect flip-flop is reset using the RST push-button switch.
The RST switch is connected the VPOS supply voltage through a 1.1 kΩ
resistor (R28). A 100 kΩ pull-down resistor (R4) is connected to the RST
pin, which pulls RST low in the absence of any other stimulus.
The ADL5904 normally powers up with the Q and Q outputs high and
low, respectively. A reset on the power-up circuit can be implemented
by installing a capacitor on C1. When the VPOS supply turns on, RST
goes high momentarily before being pulled low by R4.
R4 = 10 kΩ (0603)
R28 = 1.1 kΩ (0603)
C1 = open (0603)
VIN_N, TPVIN_N,
C17
Threshold
detect level set
The voltage applied to the VIN_N SMA connector or to the TPVIN_N
yellow test loop drives the inverting input of the threshold detect
comparator (VIN−) and thereby defines the RF power level that trips
the threshold detect comparator and flip flop. The threshold detect
voltage can be optionally decoupled using C17.
C17 = open (0603)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com