Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5904ACPZN-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL5904ACPZN-R7
Description  RMS and envelope threshold detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5904ACPZN-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL5904ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL5904ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADL5904ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADL5904ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL5904ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL5904ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL5904ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADL5904ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADL5904ACPZN-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Data Sheet
ADL5904
Rev. 0 | Page 15 of 27
CH2 1.0V
M10ns 20GS/s
A CH2
1.52V
2
3
Ω
CH3 500mV
Ω
T 20ps/pt
Figure 33. Q Output Response, PIN = Off to 6 dBm, VIN− (400 mV) Set to
Trigger at 5 dBm (Overdrive Level = 1 dB)
CH2 1.0V
M10ns 20GS/s
A CH2
1.52V
2
3
Ω
CH3 100mV
Ω
T 20ps/pt
Figure 34. Q Output Response, PIN = Off to −9 dBm, Overdrive Threshold
Voltage Set to Trigger at −10 dBm (Overdrive Level = 1 dB, VIN− = 75 mV)
CH2 1.0V
M10ns 20GS/s
A CH2
400mV
2
3
Ω
CH3 100mV
Ω
T 50ps/pt
2pF
100pF
10pF
0pF
Figure 35. Q Output Response vs. Load Capacitance, PIN = Off to −10 dBm;
Overdrive Threshold Voltage Set to Trigger at −11 dBm (Overdrive Level =
1 dB, VIN− = 65 mV)
CH2 1.0V
M10ns 20GS/s
A CH2
1.52V
2
3
Ω
CH3 1.0V
Ω
Figure 36. Q Output Response, PIN = Off to 10 dBm, VIN− (400 mV) Set to
Trigger at 5 dBm (Overdrive Level = 5 dB)
CH2 1.0V
M10ns 20GS/s
A CH2
1.52V
2
3
Ω
CH3 100mV
Ω
Figure 37. Q Output Response, PIN = Off to −5 dBm, Overdrive Threshold
Voltage Set to Trigger at −10 dBm (Overdrive Level = 5 dB, VIN− = 75 mV)
CH2 1.0V
M20ns 10GS/s
A CH1
1.36V
2
1
Ω
CH1 1.0V
Ω
Q
RST PULSE
Figure 38. Response of Q Output to RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com