Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5904ACPZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5904ACPZN-R7
Description  RMS and envelope threshold detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5904ACPZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5904ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADL5904ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL5904ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL5904ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL5904ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL5904ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL5904ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL5904ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL5904ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
DC to 6 GHz, 45 dB TruPwr
Detector with Envelope Threshold Detection
Data Sheet
ADL5904
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
RMS and envelope threshold detection
Broad input frequency range: dc to 6 GHz
RF input range: 45 dB (−30 dBm to +15 dBm)
RMS linear in decibel output, scaled 36.5 mV/dB
Input envelope threshold detection and latching
Programmable threshold and latch reset function
Fast response time: 12 ns from RFIN to Q/Q latch
All functions temperature and supply stable
Operates at 3.3 V from −40°C to +105°C
Low power: 3.5 mA
Power-down capability to 100 µA
16-lead, 3 mm × 3 mm LFCSP package
APPLICATIONS
Transmitter signal strength indication (TSSI)
Wireless power amplifier input and output protection
Wireless receiver input protection
FUNCTIONAL BLOCK DIAGRAM
R
ENVELOPE
DETECTOR
RMS
+
–
Q
S
ADL5904
VPOS
GND
VRMS
RST
Q
RFIN
VIN–
DECL
ENBL
CRMS
Q
1
11
DNC
2
3
6
8
4
4
5
7
12
13
Q
10
9
16
15
VCAL
Figure 1.
GENERAL DESCRIPTION
The ADL5904 is a dual-function radio frequency (RF) TruPwr™
detector that operates from dc to 6 GHz. It provides rms power
measurement along with a programmable envelope threshold
detection function.
The rms power measurement function has a 45 dB detection
range, nominally from −30 dBm to +15 dBm. The rms power
measurement function features low power consumption and an
intrinsically ripple free error transfer function.
The envelope threshold detection function compares the voltage
from an internal envelope detector with a user defined input
voltage. When the voltage from the envelope detector exceeds
the user defined threshold voltage, an internal comparator
captures and latches the event to a set/reset (SR) flip flop. The
response time from the RF input signal exceeding the user
programmed threshold to the output latching is 12 ns. The latched
event is held on the flip-flop until a reset pulse is applied.
The RF input of the ADL5904 is dc-coupled, allowing operation
down to arbitrarily low ac frequencies. It operates on a 3.3 V
supply and consumes 3.5 mA. A disable mode reduces this
current to 100 µA when a logic low is applied to the ENBL pin.
The ADL5904 is supplied in a 3 mm × 3 mm, 16-lead LFCSP for
operation over the wide temperature range of −40°C to +105°C.


Similar Part No. - ADL5904ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5904ACPZN-R7 AD-ADL5904ACPZN-R7 Datasheet
1Mb / 27P
DC to 6 GHz, 45 dB TruPwr Detector with Envelope Threshold Detection
Rev. B
More results

Similar Description - ADL5904ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXA8044Q ETC1-CXA8044Q Datasheet
37Kb / 2P
BALANCED MODULATOR AND RF ENVELOPE DETECTOR
logo
Hittite Microwave Corpo...
HMC1021LP4E HITTITE-HMC1021LP4E Datasheet
2Mb / 24P
RMS POWER DETECTOR & ENVELOPE TRACKER, DC - 3.9 GHz
logo
Analog Devices
ADL5511 AD-ADL5511 Datasheet
1Mb / 28P
Envelope and TruPwr RMS Detector
REV. A
ADL5511ACPZ AD-ADL5511ACPZ Datasheet
1Mb / 28P
DC to 6 GHz Envelope and TruPwr RMS Detector
REV. A
logo
IK Semicon Co., Ltd
IL33193-03 IKSEMICON-IL33193-03 Datasheet
717Kb / 6P
Defective Lamp Detection Threshold
logo
Analog Devices
ADL5511 AD-ADL5511_14 Datasheet
1Mb / 29P
DC to 6 GHz Envelope and TruPwr RMS Detector
Rev. B
ADL5910 AD-ADL5910 Datasheet
1Mb / 22P
DC to 6 GHz, ??5 dB Envelope Threshold Detector/Trigger
Rev. 0
ADL6010S AD-ADL6010S Datasheet
1Mb / 14P
Envelope Detector
HMC1021LP4E AD-HMC1021LP4E Datasheet
2Mb / 26P
RMS POWER DETECTOR & ENVELOPE TRACKER
HMC1120LP4E AD-HMC1120LP4E Datasheet
6Mb / 28P
RMS POWER DETECTOR ENVELOPE TRACKER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com