Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5904ACPZN-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5904ACPZN-R7
Description  RMS and envelope threshold detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5904ACPZN-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADL5904ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADL5904ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL5904ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL5904ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL5904ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL5904ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL5904ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL5904ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL5904ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Data Sheet
ADL5904
Rev. 0 | Page 3 of 27
SPECIFICATIONS
VPOS = 3.3 V, continuous wave (CW) input, TA = 25°C, ZO = 50 Ω, Capacitor CRMS = 10 nF, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
dc to 6000
MHz
f = 10 MHz
±1.0 dB Input Range
45
dB
Input Level, ±1.0 dB
Maximum
Three-point calibration at −25 dBm, −10 dBm, and +10 dBm
15
dBm
Minimum
−30
dBm
VRMS Output Voltage
RFIN pin = 10 dBm
1.63
V
RFIN pin = −20 dBm
0.54
V
VRMS Deviation vs. Temperature
Deviation from output at 25°C
−40°C < TA < +85°C, PIN = 10 dBm
−0.1/+0.2
dB
−40°C < TA < +105°C, PIN = 10 dBm
−0.1/+0.2
dB
−40°C < TA < +85°C, PIN = −15 dBm
−0.2/+0.2
dB
−40°C < TA < +105°C, PIN = −15 dBm
−0.4/+0.2
dB
VRMS Logarithmic Slope
PIN = −25 dBm to −10 dBm
36.5
mV/dB
PIN = −10 dBm to +10 dBm
35.3
mV/dB
VRMS Logarithmic Intercept
PIN = −25 dBm to −10 dBm
−35.2
dBm
PIN = −0 dBm to +10 dBm
−36
dBm
VIN− Setpoint Voltage
For threshold detection at 10 dBm
743
mV
For threshold detection at 0 dBm
240
mV
For threshold detection at −10 dBm
80
mV
Threshold Variation vs.
Temperature
−40°C < TA < +85°C, PIN ≈ 10 dBm
±0.2
dB
−40°C < TA < +85°C, PIN ≈ 0 dBm
−0.3/0
dB
−40°C < TA < +85°C, PIN ≈ −10 dBm
−0.5/0
dB
−40°C < TA < +105°C, PIN ≈ 10 dBm
±0.2
dB
−40°C < TA < +105°C, PIN ≈ 0 dBm
−0.3/0
dB
−40°C < TA < +105°C, PIN ≈ −10 dBm
−0.5/0
dB
f = 30 MHz
±1.0 dB Input Range
45
dB
Input Level, ±1.0 dB
Maximum
Three-point calibration at −25 dBm, −10 dBm, and +10 dBm
15
dBm
Minimum
−30
dBm
VRMS Output Voltage
RFIN pin = 10 dBm
1.62
V
RFIN pin = −20 dBm
0.54
V
VRMS Deviation vs. Temperature
Deviation from output at 25°C
−40°C < TA < +85°C, PIN = 10 dBm
−0.1/+0.1
dB
−40°C < TA < +105°C, PIN = 10 dBm
−0.1/+0.1
dB
−40°C < TA < +85°C, PIN = −15 dBm
−0.2/+0.2
dB
−40°C < TA < +105°C, PIN = −15 dBm
−0.5/+0.2
dB
VRMS Logarithmic Slope
PIN = −25 dBm to −10 dBm
36.8
mV/dB
PIN = −10 dBm to +10 dBm
35.4
mV/dB
VRMS Logarithmic Intercept
PIN = −25 dBm to −10 dBm
−34.7
dBm
PIN = −10 dBm to +10 dBm
−35.7
dBm
VIN− Setpoint Voltage
For threshold detection at 10 dBm
723
V
For threshold detection at 0 dBm
238
mV
For threshold detection at −10 dBm
80
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com