Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4961ACPZN-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADA4961ACPZN-R7
Description  Digitally adjustable gain
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4961ACPZN-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADA4961ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
ADA4961
Data Sheet
Rev. A | Page 16 of 24
THEORY OF OPERATION
DIGITAL INTERFACE OVERVIEW
The ADA4961 DGA has two digital gain control options: the
parallel control interface and the serial peripheral interface. The
desired gain control option is selected via the control pin,
MODE (see Table 7 for the truth table for the mode control
pins). The gain code is in a binary format. A voltage of 1.4 V to
3.3 V is required for a logic high.
Two pins are common to both gain control options: PM and
PWUP. PM allows the user to choose operation in low power
mode (logic high) or high performance mode (logic low).
PWUP is the power-up pin. The physical pins are shared
between the two interfaces, resulting in two different functions
per digital pin (see Table 2).
Table 7. Digital Control Interface Selection Truth Table
MODE
Interface
1
Parallel control
0
SPI
PARALLEL DIGITAL INTERFACE
The parallel digital interface uses five binary bits (Bits[A4:A0])
and a latch pin. The LATCH pin controls whether the input
data latch is transparent or latched. In transparent mode, gain
changes as input gain control bits change. In latched mode, gain
is determined by the latched gain setting and does not change
with changing input gain control bits.
SERIAL PERIPHERAL INTERFACE (SPI)
The SPI uses three pins: SDIO, A4/CLK, and A3/CS. The SPI
data register consists of eight bits, five gain control bits, two fast
attack attenuation step size address bits, and one read/write bit.
SDIO is the serial data input and output pin. The A4/CLK pin is
the serial clock, and A3/CS is the channel select pin.
DATA
LSB
MSB
LSB
MSB
D0
D1
D2
D3
D4
FA0
FA1
R/W
READ/
WRITE
FAST
ATTACK
GAIN CONTROL
Figure 39. 8-Bit SPI Register
To write to the SPI register, A3/CS must be pulled low and eight
clock pulses must be applied to A4/CLK. To read the SPI
register value, the R/W bit must be set high, A3/CS must be
pulled low, and the device must be clocked. After the register
has been read during the next eight clock cycles, the SPI
automatically enters write mode.
Fast Attack
The fast attack feature, accessible via the SPI, allows the gain to
reduce from its present setting by a predetermined step size.
Four different attenuation step sizes are available. The truth
table for fast attack is shown in Table 8.
Table 8. SPI 2-Bit Attenuation Step Size Truth Table
FA1
FA0
Step Size (dB)
0
0
1
0
1
2
1
0
4
1
1
8
SPI fast attack mode is controlled by the A2/FA pin. A logic
high on the A2/FA pin results in an attenuation that is selected
by Bits[FA1:FA0] in the SPI register.
Table 9. Gain Code vs. Voltage Gain Lookup Table
5-Bit Binary Gain Code
Voltage Gain (dB)
00000
15
00001
14
00010
13
00011
12
00100
11
00101
10
00110
9
00111
8
01000
7
01001
6
01010
5
01011
4
01100
3
01101
2
01110
1
01111
0
10000
−1
10001
−2
10010
−3
10011
−4
10100
−5
10101
−6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com