Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4961ACPZN-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADA4961ACPZN-R7
Description  Digitally adjustable gain
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4961ACPZN-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADA4961ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Data Sheet
ADA4961
APPLICATIONSINFORMATION
BASIC CONNECTIONS
Figure 40 shows the basicconnections for operating the
ADA4961. Apply a voltage between 3.3 V and 5.0 V to the
VCCx pins. Decouple each supply pin with at least one low
inductance, surface-mount ceramiccapacitor of 0.1 μF, placed
as close as possible to the device.
The outputs of the ADA4961 must bepulled up to the positive
supply with 0.5 µH RF chokes. The differential outputs are
biased to the positive supply andrequire accoupling capacitors,
preferably 0.1 µF. Similarly, the input pins requireaccoupling
because they are at biasvoltages of about1 V above ground. The
ac coupling capacitors and the RF chokes are the principle
limitations for operation at low frequencies.
The digital pins (mode control pins, associated SPIand parallel
gain control pins, PM, and PWUP)operateata voltageof 3.3 V.
To enable the ADA4961, the PWUP pin must bepulled to a
logic high. Pulling PWUP low puts the ADA4961 in sleep
mode, reducing current consumption to approximately 7 mA at
ambient temperature.
0dB TO 21dB
ATTEN
EXPOSED
PAD
2
3
18
14
15
17
16
4
5
1
7
8
9
10
11
24
23
22
21
20
19
12
13
6
VIN+
VIN–
VOUT+
+5V
0.1µF
(0402)
10µF
(0603)
BALANCED 50Ω
LOAD
BALANCED 100Ω
SOURCE
VOUT–
SPI, PARALLEL INTERFACE
DNC
DNC
DNC
GND
+15dB
ADA4961
NOTES
1. DNC = DO NOT CONNECT. DO NOT CONNECT TO THIS PIN.
Figure 40. Basic Connections
Table 10. BasicConnections
Pin No.
Mnemonic
Description
Basic Connection
5 V Power
21
VCC1
Amplifier core power
supply
Connect these pins to 5 V and decouple to GND using 10 µF and 0.1 µF
capacitors close to the pins.
22
VCC2
23
VCC3
24
VCC4
GND
1, 4, 5
GND
Ground pins
Connect to ground.
RF Inputs
2
VIN+
Differential RF inputs,
differential input
impedance is 100 Ω
Connect these pins to the balanced output of the previousdevice in the signal
chain. A balun can be used to convert from a single-ended signal to differential
or to improve even order distortion if the previous device in the signal chain is
differential.
3
VIN−
RF Outputs
17
VOUT+
Differential RF inputs,
differential output
impedance is 50 Ω
Connect these pins to the balanced input of the next device in the signal chain.
A balun can be used to convert from the ADA4961 differential output to a
single-ended signal or to improve evenorder distortion if the next device in the
signal chain is differential.
16
VOUT−
Rev. A | Page 17 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com