Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4961ACPZN-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADA4961ACPZN-R7
Description  Digitally adjustable gain
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4961ACPZN-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADA4961ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 23Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 24Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
ADA4961
Data Sheet
Rev. A | Page 20 of 24
LOW-PASS ANTIALIAS FILTERING FOR THE ADC
INTERFACE
The high frequency distortion performance of the ADA4961
can be enhanced by adding a low-pass filter to the output (see
Figure 46 and Figure 47. A two-pole low-pass filter is used in
the ADC Driving section to illustrate the distortion improvement
capabilities and integrated noise reduction. Figure 49 shows a
simplified diagram of a two-pole low-pass (LP) filter. The
inductor capacitance (LC) values are 2 nH and 2 pF, respectively.
This filter gives an overall −3 dB BW of 2 GHz when connected
to the ADA4961. Ideally, the BW is 3.5 GHz without any
parasitics. The parasitic, C, (about 1 pF) across the 2 nH
inductor (not shown) reduces the BW to about 2.1 GHz.
Take care to ensure that the physical length of the filter is less
than 1/10 the wavelength of the 3 dB corner frequency. At
2 GHz, it is 75 mm. The Series L (along with the internal bond
wire inductance) and C parasitic parallel create a parallel
resonance that causes a reduction in overall BW. Other values
and filter types can be used depending on the end user
requirements, but care is needed to ensure that the Circuit Q
does not exceed 1. The values of 2 nH and 2 pF show the
relative improvement in distortion (single tone and IMD3) vs.
no filter at frequencies out to 1.5 GHz. At frequencies above
about 600 MHz, the HD3s begin to attenuate as is expected due
to the LP roll-off of the L (2 nH) and Shunt C (2 pF). In
addition, the inband IMD3s also improve. This improvement is
due to the peaking that results at the amplifier output due to its
internal parasitics interacting with the 2 nH inductor and its
Shunt C parasitic. This peaking reduces the input signal to the
amplifier (not shown), thus reducing inband third-order terms.
20
15
10
5
0
–5
–10
–15
–25
1M
10M
100M
FREQUENCY (MHz)
1G
–20
NO FILTER
FILTER
Figure 45. Maximum Gain vs. Frequency, With and Without LC Filter
–100
–95
–90
–85
–80
–75
–70
–60
–65
–55
–50
0
200
400
600
800 1000 1200 1400
2000
1600 1800
FREQUENCY (MHz)
WITH FILTER
NO FILTER
Figure 46. IMD vs. Frequency, With and Without LC Filter
–100
–95
–90
–85
–80
–75
–70
–60
–65
–55
–50
0
200
400
600
800 1000 1200 1400
2000
1600 1800
FREQUENCY (MHz)
WITH FILTER
NO FILTER
Figure 47. HD2 vs. Frequency, With and Without LC Filter
–100
–95
–90
–85
–80
–75
–70
–60
–65
–55
–50
0
200
400
600
800 1000 1200 1400
2000
1600 1800
FREQUENCY (MHz)
WITH FILTER
NO FILTER
Figure 48. HD3 vs. Frequency, With and Without LC Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com